Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COPCH940C Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCH940C
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCH940C Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COPCH940C Datasheet HTML 6Page - National Semiconductor (TI) COPCH940C Datasheet HTML 7Page - National Semiconductor (TI) COPCH940C Datasheet HTML 8Page - National Semiconductor (TI) COPCH940C Datasheet HTML 9Page - National Semiconductor (TI) COPCH940C Datasheet HTML 10Page - National Semiconductor (TI) COPCH940C Datasheet HTML 11Page - National Semiconductor (TI) COPCH940C Datasheet HTML 12Page - National Semiconductor (TI) COPCH940C Datasheet HTML 13Page - National Semiconductor (TI) COPCH940C Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Typical Performance Characteristics (−40˚C ≤ T
A ≤ +85˚C) (Continued)
Port L/G Weak Pull-Up Source Current
DS009103-22
Port L/G Push-Pull Source Current
DS009103-23
Port L/G Push-Pull Sink Current
DS009103-24
Port D Source Current
DS009103-25
Port D Sink Current
DS009103-26
www.national.com
10


Similar Part No. - COPCH940C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCH912C NSC-COPCH912C Datasheet
275Kb / 20P
   8-Bit Microcontroller
COPCH980C NSC-COPCH980C Datasheet
500Kb / 31P
   COP880C Microcontroller
COPCH981C NSC-COPCH981C Datasheet
500Kb / 31P
   COP880C Microcontroller
COPCH982C NSC-COPCH982C Datasheet
500Kb / 31P
   COP880C Microcontroller
More results

Similar Description - COPCH940C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
   CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
National Semiconductor ...
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP8TAB5 NSC-COP8TAB5 Datasheet
706Kb / 54P
   8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
COP424C NSC-COP424C Datasheet
339Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
COP224C NSC-COP224C Datasheet
325Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
logo
Microchip Technology
PIC16C55X MICROCHIP-PIC16C55X_13 Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com