Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C139-15JC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C139-15JC
Description  4K x 8/9 Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C139-15JC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C139-15JC Datasheet HTML 6Page - Cypress Semiconductor CY7C139-15JC Datasheet HTML 7Page - Cypress Semiconductor CY7C139-15JC Datasheet HTML 8Page - Cypress Semiconductor CY7C139-15JC Datasheet HTML 9Page - Cypress Semiconductor CY7C139-15JC Datasheet HTML 10Page - Cypress Semiconductor CY7C139-15JC Datasheet HTML 11Page - Cypress Semiconductor CY7C139-15JC Datasheet HTML 12Page - Cypress Semiconductor CY7C139-15JC Datasheet HTML 13Page - Cypress Semiconductor CY7C139-15JC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CY7C138
CY7C139
10
Note:
29. If tPS is violated, the busy signal will be asserted on one side or the other, but there is no guarantee on which side BUSY will be asserted.
Switching Waveforms (continued)
ADDRESS MATCH
tPS
tBLC
tBHC
ADDRESS MATCH
tPS
tBLC
tBHC
CER Valid First:
C138-17
ADDRESSL,R
BUSYR
CEL
CER
BUSY L
CER
CEL
ADDRESSL,R
C138-18
CEL Valid First:
Busy Timing Diagram No. 1 (CE Arbitration)
[29]
ADDRESS MATCH
tPS
ADDRESS L
BUSYR
ADDRESS MISMATCH
tRC or tWC
tBLA
tBHA
ADDRESSR
ADDRESS MATCH
ADDRESS MISMATCH
tPS
ADDRESSL
BUSY L
tRC or tWC
tBLA
tBHA
ADDRESSR
C138-19
C138-20
Busy Timing Diagram No. 2 (Address Arbitration)
Left Address Valid First:
Right Address Valid First:
[29]


Similar Part No. - CY7C139-15JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C139-15JC CYPRESS-CY7C139-15JC Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
More results

Similar Description - CY7C139-15JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135_05 Datasheet
400Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
logo
Integrated Device Techn...
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com