Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY64UD16322A Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY64UD16322A
Description  2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY64UD16322A Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY64UD16322A Datasheet HTML 1Page - Hynix Semiconductor HY64UD16322A Datasheet HTML 2Page - Hynix Semiconductor HY64UD16322A Datasheet HTML 3Page - Hynix Semiconductor HY64UD16322A Datasheet HTML 4Page - Hynix Semiconductor HY64UD16322A Datasheet HTML 5Page - Hynix Semiconductor HY64UD16322A Datasheet HTML 6Page - Hynix Semiconductor HY64UD16322A Datasheet HTML 7Page - Hynix Semiconductor HY64UD16322A Datasheet HTML 8Page - Hynix Semiconductor HY64UD16322A Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HY64UD16322A Series
5
Revision 1.1
May. 2003
AC TEST LOADS
Note
1. Including jig and scope capacitance.
AC CHARACTERISTICS
CL1 =50 pF
D
OUT
RL=50 Ohm
VL=0.5*Vddq
Z0=50 Ohm
AC TEST CONDITIONS
TA = -25
°C to 85°C(E) / -40°C to 85°C(I), unless otherwise specified
Parameter
Value
Input Pulse Level
0.4V to 2.2V
Input Rising and Fall Time
5ns
Input Timing Reference Level
1.5V
Output Load
See Below
Output Timing Reference Level
0.5*Vddq
Vdd=2.7V~3.3V, Vddq=2.7V~3.3V, TA = -25
°C to 85°C(E) / -40°C to 85°C(I), unless otherwise specified
#
Parameter
1
Read Cycle Time
Unit
ns
Symbol
tRC
Read Cycle
2
Address Access Time
ns
tAA
3
Chip Select Access Time
ns
tACS
4
Output Enable to Output Valid
ns
tOE
5
/LB, /UB Access Time
ns
tBA
6
Chip Select to Output in Low Z
ns
tCLZ
7
Output Enable to Output in Low Z
ns
tOLZ
8
/LB, /UB Enable to Output in Low Z
ns
tBLZ
9
Chip Disable to Output in High Z
ns
tCHZ
10
Out Disable to Output in High Z
ns
tOHZ
11
/LB, /UB Disable to Output in High Z
ns
tBHZ
12
Output Hold from Address Change
ns
tOH
13
Write Cycle Time
ns
tWC
Write Cycle
14
Chip Selection to End of Write
ns
tCW
15
Address Valid to End of Write
ns
tAW
16
/LB, /UB Valid to End of Write
ns
tBW
17
Address Set-up Time
ns
tAS
18
Write Pulse Width
ns
tWP
19
Write Recovery Time
ns
tWR
20
Write to Output in High Z
ns
tWHZ
21
Data to Write Time Overlap
ns
tDW
22
Data Hold from Write Time
ns
tDH
23
Output Active from End of Write
ns
tOW
Min.
70
Max.
-
-
70
-
70
-
20
-
70
10
-
5
-
10
-
0
10
0
10
0
10
5
-
70
-
60
-
60
-
60
-
0
-
50
-
0
-
0
20
30
-
0
-
5
-
-70


Similar Part No. - HY64UD16322A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY64UD16322M HYNIX-HY64UD16322M Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M-DF70E HYNIX-HY64UD16322M-DF70E Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M-DF70I HYNIX-HY64UD16322M-DF70I Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M-DF85E HYNIX-HY64UD16322M-DF85E Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M-DF85I HYNIX-HY64UD16322M-DF85I Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
More results

Similar Description - HY64UD16322A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY64UD16322M HYNIX-HY64UD16322M Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162B HYNIX-HY64UD16162B Datasheet
285Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64LD16162M HYNIX-HY64LD16162M Datasheet
349Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Etron Technology, Inc.
EM567168 ETRON-EM567168 Datasheet
121Kb / 12P
   2M x 16 Pseudo SRAM
EM567169BC ETRON-EM567169BC Datasheet
129Kb / 14P
   2M x 16 Pseudo SRAM
logo
Winbond
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963L6ABN WINBOND-W963L6ABN Datasheet
1Mb / 30P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com