Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY64UD16322A-I Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY64UD16322A-I
Description  2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY64UD16322A-I Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY64UD16322A-I Datasheet HTML 1Page - Hynix Semiconductor HY64UD16322A-I Datasheet HTML 2Page - Hynix Semiconductor HY64UD16322A-I Datasheet HTML 3Page - Hynix Semiconductor HY64UD16322A-I Datasheet HTML 4Page - Hynix Semiconductor HY64UD16322A-I Datasheet HTML 5Page - Hynix Semiconductor HY64UD16322A-I Datasheet HTML 6Page - Hynix Semiconductor HY64UD16322A-I Datasheet HTML 7Page - Hynix Semiconductor HY64UD16322A-I Datasheet HTML 8Page - Hynix Semiconductor HY64UD16322A-I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HY64UD16322A Series
2
Revision 1.1
May. 2003
This document is a general product description and is subject to change without notice. Hynix Semiconductor Inc. does not
assume any responsibility for use of circuits described. No patent licenses are implied.
2
2M x 16 bit Low
M x 16 bit Low Low Power 1T/1C
Low Power 1T/1C SRAM
SRAM
DESCRIPTION
The HY64UD16322A is a 32Mbit 1T/1C SRAM
featured by high-speed operation and super low
power consumption. The HY64UD16322A adopts
one transistor memory cell and is organized as
2,097,152 words by 16bits. The HY64UD16322A
operates in the extended range of temperature and
supports a wide operating voltage range. The
HY64UD16322A also supports the deep power
down mode for a super low standby current. The
HY64UD16322A delivers the high-density low
power SRAM capability to the high-speed low power
system.
• CMOS Process Technology
• 2M x 16 bit Organization
• TTL compatible and Tri-state outputs
• Deep Power Down : Memory cell data hold invalid
• Standard pin configuration : 48-FBGA(6mmX8mm)
• Data mask function by /LB, /UB
• Separated I/O Power Supply : Vddq
PRODUCT FAMILY
FEATURES
Note 1. tCS - /UB,/LB=High : Chip Deselect.
PIN DESCRIPTION
Pin Name
Pin Function
Pin Name
Pin Function
/CS1
Chip Select
IO1~IO8
Lower Data Inputs/Outputs
/WE
Write Enable
A0~A20
Address Inputs
/OE
Output Enable
Vdd
Power Supply for Internal Circuit
/LB
Lower Byte(I/O1~I/O8)
Vss
Ground
/UB
Upper Byte(I/O9~I/O16)
CS2
Deep Power Down
DNU
Do Not Use
IO9~IO16
Upper Data Inputs/Outputs
Vddq
Power Supply for I/O
PIN CONNECTION (Top View)
/LB
/OE
A0
A1
A2
CS2
IO9
/UB
A3
A4
/CS1 IO1
IO10 IO11
A5
A6
IO2
IO3
Vss IO12 A17
A7
IO4
Vdd
Vddq IO13 DNU A16
IO5
Vss
IO15 IO14 A14
A15
IO6
IO7
IO16 A19
A12
A13
/WE
IO8
A18
A8
A9
A10
A11
A20
BLOCK DIAGRAM
ROW
DECODER
MEMORY ARRAY
2,048K x 16
CONTROL
LOGIC
A0
A20
IO1
IO8
IO9
IO16
/CS1
CS2
/OE
/LB
/UB
/WE
Product No.
Voltage
[V]
Speed
tRC[ns]
Temp.
[
°C]
(ISB1,Max) (IDPD,Max) (ICC2,Max)
Power Dissipation
Mode
HY64UD16322A-DF70I
2.7~3.3
70
-40~85
100µA
2µA
25mA
1CS with /UB,/LB:tCS1
HY64UD16322A-DF70E
2.7~3.3
70
-25~85
100µA
2µA
25mA
1CS with /UB,/LB:tCS1


Similar Part No. - HY64UD16322A-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY64UD16322M HYNIX-HY64UD16322M Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M-DF70E HYNIX-HY64UD16322M-DF70E Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M-DF70I HYNIX-HY64UD16322M-DF70I Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M-DF85E HYNIX-HY64UD16322M-DF85E Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16322M-DF85I HYNIX-HY64UD16322M-DF85I Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
More results

Similar Description - HY64UD16322A-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY64UD16322M HYNIX-HY64UD16322M Datasheet
352Kb / 11P
   2M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162B HYNIX-HY64UD16162B Datasheet
285Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64LD16162M HYNIX-HY64LD16162M Datasheet
349Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Etron Technology, Inc.
EM567168 ETRON-EM567168 Datasheet
121Kb / 12P
   2M x 16 Pseudo SRAM
EM567169BC ETRON-EM567169BC Datasheet
129Kb / 14P
   2M x 16 Pseudo SRAM
logo
Winbond
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963L6ABN WINBOND-W963L6ABN Datasheet
1Mb / 30P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com