Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1096 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM1096
Description  System Reset (with built-in watchdog timer) Monolithic MM1096
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1096 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM1096 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1096 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1096 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1096 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1096 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1096 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1096 Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUMI
System Reset (with built-in watchdog timer) MM1096
Electrical Characteristics (DC)
(Except where noted otherwise, MM1096A : VCC=3.6V, Ta=25°C, MM1096B : VCC=5.0V)
(Except where noted otherwise, resistance unit is
Ω)
Item
Symbol
Measurement conditions
Min.
Typ.
Max.
Units
MM1096A
8
VCC input
TPI
µs
pulse width
MM1096B
8
CK input pulse width
TCKW
3µs
CK input cycle
TCK
20
µs
Watchdog timer
monitoring time *1
TWD
CT=0.02µF
25
50
75
ms
Reset time for
watchdog timer *2
TWR
CT=0.02µF
1
2
3
ms
Reset hold time for
power supply rise *3
TPR
510
15
ms
Output delay time from VCC *4 TPD
RESET
--------------------------------------------------------------------------
pin, RL=10k, CL=20pF
2
10
µs
Output rise time *5
tR
RESET
--------------------------------------------------------------------------
pin, RL=10k, CL=20pF
2.0
4.0
µs
Output fall time *5
tF
RESET
--------------------------------------------------------------------------
pin, RL=10k, CL=20pF
0.2
1.0
µs
VCC
3.6V
2.8V
VCC
5.0V
4.0V
CT=0.02µF, VCC
Notes:
*1 Monitoring time is the time from the last pulse (negative edge) of the timer clear clock pulse until reset
pulse output. In other words, reset output is output if a clock pulse is not input during this time.
*2 Reset time means reset pulse width. However, this does not apply to power ON reset.
*3 Reset hold time is the time from when VCC exceeds detection voltage (VSH) during power ON reset until
reset release (RESET
-----------------------------------------------
output high).
*4 Output delay time is the time from when power supply voltage drops below detection voltage (VSL) until
reset (RESET
-----------------------------------------------
output low).
*5 Voltage range when measuring output rise and fall is 10~90%.
*6 Watchdog timer monitoring time (TWD), watchdog timer reset time (TWR) and reset hold time (TPR) during
power supply rise can be changed by varying CT capacitance. The times are expressed by the following
formulae.
TPR (ms)
.
=. 500
CT (µF)
TWD (ms)
.
=. 2500
CT (µF)
TWR (ms)
.
=. 100
CT (µF)
Example : When CT=0.02µF
TPR
.
=. 10ms
TWD
.
=. 50ms
TWR
.
=. 2ms
CK
or


Similar Part No. - MM1096

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1093 MITSUMI-MM1093 Datasheet
176Kb / 7P
   4fsc Clock Generator
MM1093ND MITSUMI-MM1093ND Datasheet
176Kb / 7P
   4fsc Clock Generator
MM1093NF MITSUMI-MM1093NF Datasheet
176Kb / 7P
   4fsc Clock Generator
MM1093PD MITSUMI-MM1093PD Datasheet
176Kb / 7P
   4fsc Clock Generator
MM1093PF MITSUMI-MM1093PF Datasheet
176Kb / 7P
   4fsc Clock Generator
More results

Similar Description - MM1096

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1135 MITSUMI-MM1135 Datasheet
151Kb / 6P
   System Reset (with built-in watchdog timer) Monolithic IC
MM1035 MITSUMI-MM1035 Datasheet
226Kb / 10P
   System Reset (with built-in watchdog timer) Monolithic IC
MM1075 MITSUMI-MM1075 Datasheet
241Kb / 10P
   System Reset (with built-in watchdog timer) Monolithic IC
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
logo
NXP Semiconductors
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
logo
Mitsumi Electronics, Co...
MM1095BF MITSUMI-MM1095BF Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
MM1136 MITSUMI-MM1136 Datasheet
89Kb / 6P
   IC for System Reset (with built-in watchdog timer) Monolithic IC
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com