Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1096BF Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # MM1096BF
Description  System Reset (with built-in watchdog timer) Monolithic MM1096
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1096BF Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM1096BF Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1096BF Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1096BF Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1096BF Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1096BF Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1096BF Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1096BF Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MITSUMI
System Reset (with built-in watchdog timer) MM1096
Measuring Circuit 1 SW & Power Supply Table
Measuring Circuit 2 SW & Power Supply Table
Item
Symbol SW1
SW2
SW3
SW4
SW5
SW6
VCC
VCK
VCT
I
VM, IM
Notes
Consumption current
ICC
OFF
OFF
OFF
ON
ON
A
3.6V
3.6V
0V
ICC
Detection voltage
VSL
OFF
OFF
ON
ON
ON
A
3.6V 3V
0V
2V
VO1, CRT1
VSH
OFF
OFF
ON
ON
ON
A
3V 3.6V
0V
2V
VO1, CRT1
CK input threshold
VTH
OFF
OFF
OFF
ON
ON
A
3.6V
0V 3V
1V
ICK, VCK
CK input current
IIH
OFF
OFF
OFF
ON
ON
A
3.6V
3.6V
0V
ICK
IIL
OFF
OFF
OFF
ON
ON
A
3.6V
0V
0V
ICK
Output voltage (High)
VOH
ON
OFF
ON
ON
ON
A
3.6V
3.6V
2V
-1µA
VO1
Output voltage (Low)
VOL1
ON
ON
ON
ON
ON
A
3.6V
3.6V
2V
0.5mA
VO1
VOL2
ON
ON
ON
ON
ON
A
3.6V
3.6V
2V
1.0mA
VO1
Output sink current
IOL1
OFF
ON
ON
ON
ON
B
3.6V
3.6V
2V
IO1VO=1V
CT charge current 1
ITC1
OFF
OFF
OFF
ON
OFF
A
3.6V
1V
ITC
CT charge current 2
ITC2
OFF
OFF
OFF
ON
OFF
A
3.6V
IV
ITC
Minimum operating power
supply voltage to ensure RESET
------------------------------------------------------
VCCL
ON
OFF
ON
ON
ON
A
0V 2V
0V
0V
VO1, VCC
RESET
-----------------------------------------------
Item
Symbol SW1 SW2
VCCA
VCC
VCKA
VCK
CRT
Notes
VCC input pulse width
TP1C
B
--
CRT1
T1=8µs
CRT2
CK input pulse width TCKW
AB
-
3.6V
-
CRT1
T2=3µs
CRT2
CK input cycle
TCK
AB
-
3.6V
-
CRT1
T3=20µs
CRT2
Watchdog timer
TWD
AA
-
3.6V
-
3.6V
CRT1
monitoring time
CRT2
Reset time
TWR
AA
-
3.6V
-
3.6V
CRT1
for watchdog timer
CRT2
Reset hold time for
TPR
B A
A
-
3.6V
-
3.6V
CRT1
power supply rise
CRT2
Output delay time
from VCC
TPD
CA
--
0V
CRT1
Output rise time
TR
AA
-
3.6V
-
3.6V
CRT1
Output fall time
TF
AA
-
3.6V
-
3.6V
CRT1
3.6V
2.8V
T1
1.4V
0V
T2
T3
1.4V
0V
T2
T2
or
1.4V
0V
3.6V
0V
T2
T3
Measuring Circuits
Measuring Circuit 1 (DC)
Measuring Circuit 2 (AC)


Similar Part No. - MM1096BF

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1093 MITSUMI-MM1093 Datasheet
176Kb / 7P
   4fsc Clock Generator
MM1093ND MITSUMI-MM1093ND Datasheet
176Kb / 7P
   4fsc Clock Generator
MM1093NF MITSUMI-MM1093NF Datasheet
176Kb / 7P
   4fsc Clock Generator
MM1093PD MITSUMI-MM1093PD Datasheet
176Kb / 7P
   4fsc Clock Generator
MM1093PF MITSUMI-MM1093PF Datasheet
176Kb / 7P
   4fsc Clock Generator
More results

Similar Description - MM1096BF

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1135 MITSUMI-MM1135 Datasheet
151Kb / 6P
   System Reset (with built-in watchdog timer) Monolithic IC
MM1035 MITSUMI-MM1035 Datasheet
226Kb / 10P
   System Reset (with built-in watchdog timer) Monolithic IC
MM1075 MITSUMI-MM1075 Datasheet
241Kb / 10P
   System Reset (with built-in watchdog timer) Monolithic IC
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
logo
NXP Semiconductors
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
logo
Mitsumi Electronics, Co...
MM1095BF MITSUMI-MM1095BF Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
MM1136 MITSUMI-MM1136 Datasheet
89Kb / 6P
   IC for System Reset (with built-in watchdog timer) Monolithic IC
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
   3V supply SYSTEM RESET with watchdog timer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com