Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX54B Datasheet(PDF) 2 Page - ON Semiconductor

Part # BDX54B
Description  DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDX54B Datasheet(HTML) 2 Page - ON Semiconductor

  BDX54B Datasheet HTML 1Page - ON Semiconductor BDX54B Datasheet HTML 2Page - ON Semiconductor BDX54B Datasheet HTML 3Page - ON Semiconductor BDX54B Datasheet HTML 4Page - ON Semiconductor BDX54B Datasheet HTML 5Page - ON Semiconductor BDX54B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BDX53B BDX53C BDX54B BDX54C
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 100 mAdc, IB = 0)
BDX53B, BDX54B
BDX53C, BDX54C
VCEO(sus)
80
100
Vdc
Collector Cutoff Current
(VCE = 40 Vdc, IB = 0)
BDX53B, BDX54B
(VCE = 50 Vdc, IB = 0)
BDX53C, BDX54C
ICEO
0.5
0.5
mAdc
Collector Cutoff Current
(VCB = 80 Vdc, IE = 0)
BDX53B, BDX54B
(VCB = 100 Vdc, IE = 0)
BDX53C, BDX54C
ICBO
0.2
0.2
mAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 3.0 Adc, VCE = 3.0 Vdc)
hFE
750
Collector–Emitter Saturation Voltage
(IC = 3.0 Adc, IB = 12 mAdc)
VCE(sat)
2.0
4.0
Vdc
Base–Emitter Saturation Voltage
(IC = 3.0 Adc, IC = 12 mA)
VBE(sat)
2.5
Vdc
DYNAMIC CHARACTERISTICS
Small–Signal Current Gain
(IC = 3.0 Adc, VCE = 4.0 Vdc, f = 1.0 MHz)
hfe
4.0
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
BDX53B, 53C
BDX54B, 54C
Cob
300
200
pF
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2%.
Figure 2. Switching Time Test Circuit
5.0
0.1
Figure 3. Switching Times
IC, COLLECTOR CURRENT (AMP)
3.0
0.7
0.5
0.3
0.2
0.05
0.2
0.3
0.7
3.0
10
td @ VBE(off) = 0 V
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C
tf
0.07
1.0
5.0
ts
tr
0.1
1.0
2.0
0.5
2.0
7.0
0
VCC
– 30 V
SCOPE
TUT
+ 4.0 V
tr, tf v 10 ns
DUTY CYCLE = 1.0%
RC
D1 MUST BE FAST RECOVERY TYPES, e.g.:
1N5825 USED ABOVE IB [ 100 mA
MSD6100 USED BELOW IB [ 100 mA
25
µs
D1
51
RB AND RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
V2
APPROX
+ 8.0 V
V1
APPROX
–12 V
[ 8.0 k
[ 120
for td and tr, D1 is disconnected
and V2 = 0
For NPN test circuit reverse all polarities
RB


Similar Part No. - BDX54B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX54B MOSPEC-BDX54B Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
ON Semiconductor
BDX54B ONSEMI-BDX54B Datasheet
106Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2007 - Rev. 13
logo
Motorola, Inc
BDX54B MOTOROLA-BDX54B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
List of Unclassifed Man...
BDX54B ETC-BDX54B Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
Power Innovations Ltd
BDX54B POINN-BDX54B Datasheet
153Kb / 6P
   PNP SILICON POWER DARLINGTONS
More results

Similar Description - BDX54B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
logo
Motorola, Inc
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
   1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
MJE270 MOTOROLA-MJE270 Datasheet
109Kb / 4P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS
logo
ON Semiconductor
MJE270 ONSEMI-MJE270 Datasheet
58Kb / 3P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
logo
Motorola, Inc
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJ11017 MOTOROLA-MJ11017 Datasheet
235Kb / 6P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ11012 MOTOROLA-MJ11012 Datasheet
157Kb / 4P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com