Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8800SDW33 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8800SDW33
Description  Synchronous Buck Regulator with 1.0 Amp Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8800SDW33 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8800SDW33 Datasheet HTML 4Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 5Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 6Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 7Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 8Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 9Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 10Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 11Page - ON Semiconductor NCV8800SDW33 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCV8800 Series
http://onsemi.com
8
CIRCUIT DESCRIPTION
ENABLE
The NCV8800 remains in sleep mode drawing less than
25
µA of quiescent current until the ENABLE pin is brought
high powering up the device. There are two options
available for the ENABLE feature.
Option 1 (Sequenced). The output voltage tracks the
ENABLE pin with a maximum delta voltage between
them (reference the Output Tracking specs in the
Electrical Characteristics). This allows the device to be
used with microprocessors requiring dual supply
voltages. One voltage is typically needed to power the
core of the microprocessor, and another high voltage is
needed to power the microprocessor I/O.
Option 2 (High Voltage). This option removes the
sequencing feature above, and allows the device to be
controlled up to the battery voltage on the ENABLE
pin with an external resistor (10 k). See Figure 5.
Figure 5. Switched Battery Application
ENABLE
VIN
VBAT
10 k
AUXILIARY
The AUXILIARY pin provides an alternate path for the IC
to maintain operation. The AUXILIARY pin is diode OR’d
with the VIN pin to the control circuitry (the DMOS output
drivers are not included). If the voltage (VIN) from the
battery dips as low as 3.5 V during a crank condition, the
NCV8800 will maintain operation through a 6.0 V(min)
connection on the AUXILIARY pin. Using this feature is
optional. This pin should be grounded when not in use.
VIN
Normal supply voltage input. An external diode must be
provided to afford reverse battery protection.
SWITCH
DMOS output drivers with 0.75
Ω max push/pull
capability. Non−overlap logic is provided to guarantee shoot
through current is minimized.
RESET
The RESET is an open drain output which goes low when
the feedback voltage on FB1 and FB2 goes below the
undervoltage RESET threshold. The output also goes low
when the voltage on FB1 and FB2 exceeds the overvoltage
RESET threshold. The RESET output is an open drain
output capable of sinking 1.6 mA.
FB1 and FB2
FB1 and FB2 are the feedback pins to the error amplifier,
which control the output SWITCH as needed to the
regulated output. They are internally wire bonded to the
same electrical connection providing double protection for
an open circuit which would cause the buck regulator to rise
above its desired output reaching the voltage on VIN. These
pins also provide the feedback path for the RESET function.
DELAY
There are two options for the delay time for the RESET to go
low. Connecting the pin to GND will provide a minimum of 14
ms. Connecting the pin to FB1 and FB2 will provide a
minimum of 28 ms. Absolute max voltage on the DELAY
pin is 7.0 V. Use a resistor divider to run off higher voltages.
The 7.5 V option will require this divider (see Figure 6).
Figure 6.
DELAY
(7.0 V max)
VOUT
COMP
The COMP pin provides access to the error amplifiers
output. Switching power supplies work as feedback control
systems, and require compensation for stability. A 1.0 k
resistor and 0.1
µF capacitor work well in the application in
Figure 2.
CP
The on−chip DMOS drivers require the gates of the
devices to be pulled above their drain voltage. An external
capacitor located between the SWITCH output, and the CP
pin provides the charge pump action to drive the gate of the
high−side driver high enough to turn the device on.


Similar Part No. - NCV8800SDW33

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8800 ONSEMI-NCV8800 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCV8800SDW33

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
   1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Micrel Semiconductor
MIC22601 MICREL-MIC22601 Datasheet
785Kb / 18P
   4 MHz, 6A Integrated Switch Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com