Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT7702H-TABF4 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # NT7702H-TABF4
Description  240 Output LCD Segment/Common Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT7702H-TABF4 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NT7702H-TABF4 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT7702H-TABF4 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT7702H-TABF4 Datasheet HTML 9Page - List of Unclassifed Manufacturers NT7702H-TABF4 Datasheet HTML 10Page - List of Unclassifed Manufacturers NT7702H-TABF4 Datasheet HTML 11Page - List of Unclassifed Manufacturers NT7702H-TABF4 Datasheet HTML 12Page - List of Unclassifed Manufacturers NT7702H-TABF4 Datasheet HTML 13Page - List of Unclassifed Manufacturers NT7702H-TABF4 Datasheet HTML 14Page - List of Unclassifed Manufacturers NT7702H-TABF4 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
NT7702
11
2. LCD Driver Output Voltage Level
The relationship amongst the data bus signal, AC converted signal FR and LCD driver output voltage is as shown in the table
below:
2.1. Segment Mode
FR
Latch Data
DISPOFF
Driver Output Voltage Level (Y1 - Y240)
LL
H
V43
LH
H
V5
HL
H
V12
HHH
V0
XX
L
V5
Here, VSS
≤ V5 < V43 < V12 < V0, H: VDD (+2.5 to +5.5V), L: VSS (0V), X: Don't care
2.2. Common Mode
FR
Latch Data
DISPOFF
Driver Output Voltage Level (Y1 - Y240)
LL
H
V43
LH
H
V0
HL
H
V12
HHH
V5
XX
L
V5
Here, VSS
≤ V5 < V43 < V12 < V0, H: VDD (+2.5 to +5.5V), L: VSS (0V), X: Don't care
Note: There are two kinds of power supply (logic level voltage, LCD driver voltage) for the LCD driver. Please supply regular
voltage which assigned by specification for each power pin.
That time "Don't care" should be fixed to "H" or "L", avoiding floating.


Similar Part No. - NT7702H-TABF4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT7701 ETC-NT7701 Datasheet
466Kb / 37P
   160 Output LCD Segment/Common Driver
NT7701H-BDT ETC-NT7701H-BDT Datasheet
466Kb / 37P
   160 Output LCD Segment/Common Driver
NT7701H-TABF3 ETC-NT7701H-TABF3 Datasheet
466Kb / 37P
   160 Output LCD Segment/Common Driver
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
   160 Output LCD Segment/Common Driver
NT7703H-BDT ETC-NT7703H-BDT Datasheet
447Kb / 37P
   160 Output LCD Segment/Common Driver
More results

Similar Description - NT7702H-TABF4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT7704 ETC1-NT7704 Datasheet
386Kb / 40P
   240 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
   240-output LCD Segment Driver IC
logo
List of Unclassifed Man...
NT7703 ETC-NT7703 Datasheet
447Kb / 37P
   160 Output LCD Segment/Common Driver
logo
Sharp Corporation
LH1560F SHARP-LH1560F Datasheet
1Mb / 30P
   160 OUTPUT LCD SEGMENT / COMMON DRIVER
logo
List of Unclassifed Man...
NT7701 ETC-NT7701 Datasheet
466Kb / 37P
   160 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com