Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805ZC103JA77A Datasheet(PDF) 5 Page - AVX Corporation

Part # 0805ZC103JA77A
Description  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805ZC103JA77A Datasheet(HTML) 5 Page - AVX Corporation

  0805ZC103JA77A Datasheet HTML 1Page - AVX Corporation 0805ZC103JA77A Datasheet HTML 2Page - AVX Corporation 0805ZC103JA77A Datasheet HTML 3Page - AVX Corporation 0805ZC103JA77A Datasheet HTML 4Page - AVX Corporation 0805ZC103JA77A Datasheet HTML 5Page - AVX Corporation 0805ZC103JA77A Datasheet HTML 6Page - AVX Corporation 0805ZC103JA77A Datasheet HTML 7Page - AVX Corporation 0805ZC103JA77A Datasheet HTML 8Page - AVX Corporation 0805ZC103JA77A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
39
High Voltage Chips
For 500V to 5000V Applications
High value, low leakage and small size are difficult parameters to obtain
in capacitors for high voltage systems. AVX special high voltage MLC
chips capacitors meet these performance characteristics and are
designed for applications such as snubbers in high frequency power
converters, resonators in SMPS, and high voltage coupling/DC blocking.
These high voltage chip designs exhibit low ESRs at high frequencies.
Larger physical sizes than normally encountered chips are used to
make high voltage chips. These larger sizes require that special pre-
cautions be taken in applying these chips in surface mount assem-
blies. This is due to differences in the coefficient of thermal expansion
(CTE) between the substrate materials and chip capacitors. Apply heat
at less than 4°C per second during the preheat. Maximum preheat
temperature must be within 50°C of the soldering temperature.
The solder temperature should not exceed 230°C. Chips 1808 and
larger to use reflow soldering only.
Capacitors with X7R Dielectrics are not intended for AC line filtering
applications.
Contact plant for recommendations. Capacitors may require protective
surface coating to prevent external arcing.
PART NUMBER (see page 2 for complete information and options)
DIMENSIONS
millimeters (inches)
SIZE
1206
1210
1808*
1812*
1825*
2220*
2225*
3640*
(L) Length
3.20 ± 0.2
3.20 ± 0.2
4.57 ± 0.25
4.50 ± 0.3
4.50 ± 0.3
5.7 ± 0.4
5.72 ± 0.25
9.14 ± 0.25
(0.126 ± 0.008) (0.126 ± 0.008) (0.180 ± 0.010) (0.177 ± 0.012) (0.177 ± 0.012) (0.224 ± 0.016) (0.225 ± 0.010) (0.360 ± 0.010)
(W) Width
1.60 ± 0.2
2.50 ± 0.2
2.03 ± 0.25
3.20 ± 0.2
6.40 ± 0.3
5.0 ± 0.4
6.35 ± 0.25
10.2 ± 0.25
(0.063 ± 0.008) (0.098 ± 0.008) (0.080 ± 0.010) (0.126 ± 0.008) (0.252 ± 0.012) (0.197 ± 0.016) (0.250 ± 0.010) (0.400 ± 0.010)
(T) Thickness
1.52
1.70
2.03
2.54
2.54
3.3
2.54
2.54
Max.
(0.060)
(0.067)
(0.080)
(0.100)
(0.100)
(0.130)
(0.100)
(0.100)
(t) terminal
min.
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.25 (0.010)
0.76 (0.030)
max.
0.75 (0.030)
0.75 (0.030)
1.02 (0.040)
1.02 (0.040)
1.02 (0.040)
1.02 (0.040)
1.02 (0.040)
1.52 (0.060)
*Reflow Soldering Only
W
L
T
t
1808
AVX
Style
1206
1210
1808
1812
1825
2220
2225
3640
A
Voltage
7 = 500V
C = 600V
A = 1000V
S = 1500V
G = 2000V
W = 2500V
H = 3000V
J = 4000V
K = 5000V
A
Temperature
Coefficient
A = C0G
C = X7R
271
Capacitance
Code
(2 significant digits
+ no. of zeros)
Examples:
K
Capacitance
Tolerance
A
Failure
Rate
A=Not
Applicable
1
Termination
1= Pd/Ag
T = Plated Ni
and Solder
1A
Packaging/Marking
1A = 7" Reel
Unmarked
3A = 13" Reel
Unmarked
9A = Bulk/Unmarked
10 pF = 100
100 pF = 101
1,000 pF = 102
22,000 pF = 223
220,000 pF = 224
1 µF = 105
C0G:
J = ±5%
K = ±10%
M = ±20%
X7R: K = ±10%
M = ±20%
Z = +80%,
-20%


Similar Part No. - 0805ZC103JA77A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC103JA77A AVX-0805ZC103JA77A Datasheet
282Kb / 18P
   Dielectric General Specifications
0805ZC103JA77A AVX-0805ZC103JA77A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
0805ZC103JA77A AVX-0805ZC103JA77A Datasheet
131Kb / 4P
   General Specifications
0805ZC103JA77A AVX-0805ZC103JA77A Datasheet
148Kb / 4P
   General Specifications
0805ZC103JA77A AVX-0805ZC103JA77A Datasheet
131Kb / 4P
   General Specifications
More results

Similar Description - 0805ZC103JA77A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com