Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-3966 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCMS-3966
Description  3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-3966 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCMS-3966 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCMS-3966 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCMS-3966 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCMS-3966 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCMS-3966 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCMS-3966 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCMS-3966 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCMS-3966 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCMS-3966 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Electrical Characteristics over Operating Temperature Range (-40
°C to +85°C)
TA = 25°C
-40
°C<TA<85°C
VLOGIC = 3.3 V
3.0 V < VLOGIC < 5.5 V
Parameter
Symbol
Typ.
Max.
Min.
Max.
Units
Test Conditions
Input Leakage Current
II
µAVIN = 0 V to VLOGIC
HCMS-390X/396X (4 char)
+7.5
-2.5
+50
HCMS-391X/397X (8 char)
+15
-5.0
+100
ILOGIC OPERATING
ILOGIC (OPT)
mA
VIN = VLOGIC
HCMS-390X/396X (4 char)
0.4
2.5
5
HCMS-391X/397X (8 char)
0.8
5
10
ILOGIC SLEEP[1]
ILOGIC (SLP)
µAVIN = VLOGIC
HCMS-390X/396X (4 char)
5
15
25
HCMS-391X/397X (8 char)
10
30
50
ILED BLANK
ILED (BL)
mA
BL = 0 V
HCMS-390X/396X (4 char)
2.0
4.0
4.0
HCMS-391X/397X (8 char)
4.0
8.0
8.0
ILED SLEEP[1]
ILED (SLP)
µA
HCMS-390X/396X (4 char)
7.5
20
50
HCMS-391X/397X (8 char)
15
40
100
Peak Pixel Current[2]
IPIXEL
14.0
15.9
17.1
mA
VLED = 5.5 V. All
pixels ON, average
value per pixel
HIGH level input voltage
VIH
2.4
V
3.0 V < VLOGIC < 5.5 V
LOW level input voltage
VIL
0.4
V
3.0 V < VLOGIC < 5.5 V
HIGH level output voltage
VOH
2.4
V
3.0 V < VLOGIC < 5.5 V
LOW level output voltage
VOL
0.4
V
3.0 V < VLOGIC < 5.5 V
Thermal Resistance
R
θJ-P
70
oC/W
Notes:
1. In SLEEP mode, the internal oscillator and reference current for LED drivers are off.
2. Average peak pixel current is measured at the maximum drive current set by Control Register 0. Individual pixels may exceed this value.
Optical Characteristics at 25
°C ± 1°C[1]
VLED = 3.3 V, 100% Peak Current, 100% Pulse Width
Luminous Intensity per LED[2]
Peak Wavelength
Dominant Wavelength
Character Average (
µcd)
λPeak(nm)
λd[3](nm)
Display Color
Min.
Typ.
Typ.
Typ.
Red
520
2300
635
624
Green
520
1000
574
572
Notes:
1. Refers to the initial case temperature of the device immediately prior to measurement.
2. Measured with all LEDs illuminated in a digit.
3. Dominant wavelength,
λd , is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
perceived LED color.


Similar Part No. - HCMS-3966

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3966 AVAGO-HCMS-3966 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results

Similar Description - HCMS-3966

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-39XX AVAGO-HCMS-39XX Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2919 AVAGO-HCMS-2919 Datasheet
139Kb / 14P
   High Performance CMOS 5x7 AlphaNumeric GaN Blue Display
HCMS-2819 AVAGO-HCMS-2819 Datasheet
212Kb / 12P
   High Performance CMOS 5x7 AlphaNumeric InGaN Blue Display
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com