Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THNCF048MBAI Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # THNCF048MBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCF048MBAI Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button THNCF048MBAI Datasheet HTML 3Page - Toshiba Semiconductor THNCF048MBAI Datasheet HTML 4Page - Toshiba Semiconductor THNCF048MBAI Datasheet HTML 5Page - Toshiba Semiconductor THNCF048MBAI Datasheet HTML 6Page - Toshiba Semiconductor THNCF048MBAI Datasheet HTML 7Page - Toshiba Semiconductor THNCF048MBAI Datasheet HTML 8Page - Toshiba Semiconductor THNCF048MBAI Datasheet HTML 9Page - Toshiba Semiconductor THNCF048MBAI Datasheet HTML 10Page - Toshiba Semiconductor THNCF048MBAI Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
7/48
Preliminary
Signal Name
Dir
Pin No.
Description
GND
(PC Card Memory Mode)
GND
(PC Card I/O Mode)
GND
(True IDE Mode)
1,50
Ground
INPACK
(PC Card Memory Mode)
This signal is not used in this mode.
INPACK
(PC Card I/O Mode)
The Input Acknowledge signal is asserted by the CompactFlash
Storage Card when the card is selected and responding to an I/O
read cycle at the address that is on the address bus. This signal is
used by the host to control the enable of any input data buffers
between the CompactFlash Storage Card and the CPU.
INPACK
(True IDE Mode)
O
43
In True IDE Mode this output signal is not used and should not be
connected at the host.
IORD
(PC Card Memory Mode)
This signal is not used in this mode.
IORD
(PC Card I/O Mode)
This is an I/O Read strobe generated by the host. This signal gates
I/O data onto the bus from the CompcatFlash Storage Card when
the card is configured to use the I/O interface.
IORD
(True IDE Mode)
I
34
In True IDE Mode, this signal has same function as in PC Card I/O
Mode.
IOWR
(PC Card Memory Mode)
This signal is not used in this mode.
IOWR
(PC Card I/O Mode)
The I/O Write strobe pulse is used to clock I/O data on the Card
Data bus into the CompactFlash Storage Card controller registers
when the CompactFlash Storage Card is configured to use the I/O
interface.
The clocking will occur on the negative to positive edge of the
signal (trailing edge)
IOWR
(True IDE Mode)
I
35
In True IDE Mode, this signal has the same function as in PC Card
I/O Mode.
OE
(PC Card Memory Mode)
This is an Output Enable strobe generated by the host interface .It
is used to read data from the CompactFlash Storage Card in
Memory Mode and to read the CIS and configuration registers.
OE
(PC Card I/O Mode)
In PC Card I/O Mode, this signal is used to read the CIS and
configuration registers.
ATA SEL
(True IDE Mode)
I
9
To enable True IDE Mode this input should be grounded by the
host.


Similar Part No. - THNCF048MBAI

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THNCF048MAA TOSHIBA-THNCF048MAA Datasheet
461Kb / 52P
   CompactFlash Card
More results

Similar Description - THNCF048MBAI

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THNCF064MMA TOSHIBA-THNCF064MMA Datasheet
501Kb / 47P
   The THNCFxxxxMA series CompactFlash card is a flash technology based with ATA interface flash memory card
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB2881000A6 HITACHI-HB2881000A6 Datasheet
169Kb / 66P
   FLASH ATA Card
HB288800A5 HITACHI-HB288800A5 Datasheet
170Kb / 66P
   FLASH ATA Card
logo
Sharp Corporation
ID241 SHARP-ID241 Datasheet
22Kb / 1P
   Flash Memory Card
ID242 SHARP-ID242 Datasheet
1Mb / 33P
   Flash Memory Card
ID246 SHARP-ID246 Datasheet
2Mb / 38P
   Flash Memory Card
logo
Apacer Technology Inc.
SS220-CFAST APACER-SS220-CFAST Datasheet
787Kb / 5P
   flash memory card
SU220-CFAST APACER-SU220-CFAST Datasheet
677Kb / 5P
   flash memory card
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
   flash memory card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com