Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-3907 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCMS-3907
Description  3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-3907 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCMS-3907 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCMS-3907 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCMS-3907 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCMS-3907 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCMS-3907 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCMS-3907 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCMS-3907 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCMS-3907 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCMS-3907 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
AC Timing Characteristics over Temperature Range (-40 to +85
°C)
Timing
Diagram
4.5 V<VLOGIC < 5.5 V VLOGIC = 3 V
Ref. Number
Description
Symbol
Min.
Max.
Min.
Max.
Units
1
Register Select Setup Time to Chip Enable
trss
10
10
ns
2
Register Select Hold Time to Chip Enable
trsh
10
10
ns
3
Rising Clock Edge to Falling Chip Enable Edge
tclkce
20
20
ns
4
Chip Enable Setup Time to Rising Clock Edge
tces
35
55
ns
5
Chip Enable Hold Time to Rising Clock Edge
tceh
20
20
ns
6
Data Setup Time to Rising Clock Edge
tds
10
10
ns
7
Data Hold Time after Rising Clock Edge
tdh
10
10
ns
8
Rising Clock Edge to DOUT [1]
tdout
10
40
10
65
ns
9
Propagation Delay DIN to DOUT
Simultaneous Mode for one IC[1,2]
tdoutp
18
30
ns
10
CE Falling Edge to DOUT Valid
tcedo
25
45
ns
11
Clock High Time
tclkh
80
100
ns
12
Clock Low Time
tclkl
80
100
ns
Reset Low Time
trstl
50
50
ns
Clock Frequency
Fcyc
5
4
MHz
Internal Display Oscillator Frequency
Finosc
80
210
80
210
KHz
Internal Refresh Frequency
Frf
150
410
150
410
Hz
External Display Oscillator Frequency
Fexosc
Prescaler = 1
51.2
1000
51.2
1000
KHz
Prescaler = 8
410
8000
410
8000
KHz
Notes:
1. Timing specifications increase 0.3 ns per pf of capacitive loading above 15 pF.
2. This parameter is valid for Simultaneous Mode data entry of the Control Register.


Similar Part No. - HCMS-3907

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3907 AVAGO-HCMS-3907 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results

Similar Description - HCMS-3907

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-39XX AVAGO-HCMS-39XX Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2919 AVAGO-HCMS-2919 Datasheet
139Kb / 14P
   High Performance CMOS 5x7 AlphaNumeric GaN Blue Display
HCMS-2819 AVAGO-HCMS-2819 Datasheet
212Kb / 12P
   High Performance CMOS 5x7 AlphaNumeric InGaN Blue Display
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com