Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THNCF160MBAI Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # THNCF160MBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCF160MBAI Datasheet(HTML) 1 Page - Toshiba Semiconductor

  THNCF160MBAI Datasheet HTML 1Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 2Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 3Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 4Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 5Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 6Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 7Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 8Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
1/48
Preliminary
TENTATIVE
TOSHIBA SMALL FORM FACTOR CARD
CompactFlash
Card
DESCRIPTION
The THNCFxxxMBA/BAI series CompactFlash™ card is a flash technology based with ATA interface flash
memory card. It is constructed with flash disk controller chip and NAND-type (Toshiba) flash memory device.
The CompactFlash™ card operates in both 5-Volt and 3.3-Volt power supplies. It comes in capacity of 8, 16, 32, 48,
64, 96, 128, 160, 192, 256, 320, 384 and up to 512 MB unformatted for type-I card. Emulating IDE hard disk drives
and being certified in accordance with the CompactFlash™ Certification Plan it is a perfect choice of solid-state
mass-storage cards for battery backup handheld devices such as Digital Camera, Audio Player, PDA, or the
applications that require high environment tolerance with high performance sustained write speed.
FEATURES
CompactFlashCompatibility
• Certified in accordance with the CompactFlash™ Certification Plan
• Substantially compatible with PC Card standard and PC Card ATA
• Support for CIS implemented with 256 bytes of attribute memory
ATA/IDE interface
• ATA command set compatible
• Support for 8- or 16-bit host transfers
• Programmable and auto-wait-state generation for compatibility with any host speed using IORDY
High performance
• Supports PIO mode 4, both at 16.6 Mbytes/second theoretically
• Sustained write : max 1.5 Mbytes/second (8MB to 48MB), 3.2 Mbytes/second (64MB to 512MB)
• Sustained read : max 6.5Mbytes/second
• Single +5 Volt or 3.3 Volt power supply and very low power consumption with automatic power
management.
Notes: CompactFlash
is a trademark of SanDisk Corporation and is licensed royalty-free to the CFA, which in turn will license it
royal-free to CFA members.
CFA: CompactFlash
Association.
Products Models
unformatted
Cylinder
Head
Sector
Model No.
8MB
248
2
32
THNCF008MBA / BAI
16MB
248
4
32
THNCF016MBA / BAI
32MB
496
4
32
THNCF032MBA / BAI
48MB
744
4
32
THNCF048MBA / BAI
64MB
978
4
32
THNCF064MBA / BAI
96MB
733
8
32
THNCF096MBA / BAI
128MB
978
8
32
THNCF128MBA / BAI
160MB
611
16
32
THNCF160MBA / BAI
192MB
733
16
32
THNCF192MBA / BAI
256MB
978
16
32
THNCF256MBA / BAI
320MB
814
16
48
THNCF320MBA / BAI
384MB
977
16
48
THNCF384MBA / BAI
512MB
993
16
63
THNCF512MBA / BAI


Similar Part No. - THNCF160MBAI

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THNCF160MAA TOSHIBA-THNCF160MAA Datasheet
461Kb / 52P
   CompactFlash Card
More results

Similar Description - THNCF160MBAI

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THNCF064MMA TOSHIBA-THNCF064MMA Datasheet
501Kb / 47P
   The THNCFxxxxMA series CompactFlash card is a flash technology based with ATA interface flash memory card
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB2881000A6 HITACHI-HB2881000A6 Datasheet
169Kb / 66P
   FLASH ATA Card
HB288800A5 HITACHI-HB288800A5 Datasheet
170Kb / 66P
   FLASH ATA Card
logo
Sharp Corporation
ID241 SHARP-ID241 Datasheet
22Kb / 1P
   Flash Memory Card
ID242 SHARP-ID242 Datasheet
1Mb / 33P
   Flash Memory Card
ID246 SHARP-ID246 Datasheet
2Mb / 38P
   Flash Memory Card
logo
Apacer Technology Inc.
SS220-CFAST APACER-SS220-CFAST Datasheet
787Kb / 5P
   flash memory card
SU220-CFAST APACER-SU220-CFAST Datasheet
677Kb / 5P
   flash memory card
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
   flash memory card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com