Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM13202.1N Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # MM13202.1N
Description  Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM13202.1N Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  MM13202.1N Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM13202.1N Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM13202.1N Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM13202.1N Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM13202.1N Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM13202.1N Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MITSUMI
Microminiature Low-Noise, Low-Saturation Three-Pin Regulator MM1320
Item
Symbol
Measurement conditions
Min.
Typ.
Max. Units
Output voltage
Vo
VIN=VOUT+1V, Io=30mA
VOUT-2% VOUT VOUT+2%
V
No-load consumption current
Iccq1
VIN=VOUT+1V, Io=0mA
170
340
µA
Input current while off
Iccq2
VIN=VOUT+1V, Vcont=0V
1
µA
I/O voltage difference
Vd min.
VIN=VOUT-0.2V, Io=60mA
0.15
0.25
V
Input fluctuations
V1
VIN=VOUT+1V~5V, Io=30mA
10
20
mV
Load fluctuation
V2
Io=0~100mA, VIN=VOUT+1V
30
60
mV
Output voltage temperature coefficient
Vo/ T
Tj=-20~+75°C, Io=30mA
100
ppm/°C
VIN=VOUT+1V
Ripple rejection rate
RR
VIN=VOUT+1V, f=120Hz
50
60
dB
VRIPPLE=1V, Io=30mA
Output noise voltage
Vn
VIN=VOUT+1V, f=20~80kHz
30
µVrms
Io=30mA, Cnoise=0.01uF
(3V item)
CONT pin current while off
IOFF
Vcont=0.4V
1
3
µA
CONT pin current while on
ION
Vcont=1.6V
5
10
µA
CONT pin high level
H
1.6
VIN+0.3
V
CONT pin low level
L
-0.3
0.4
V
Electrical Characteristics (Except where noted otherwise, Ta=25°C)
Measuring Circuit


Similar Part No. - MM13202.1N

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1323 MITSUMI-MM1323 Datasheet
137Kb / 6P
   LCD Interface Monolithic IC MM1323
MM1326 MITSUMI-MM1326 Datasheet
268Kb / 9P
   Q Xpander Processors
MM1326AD MITSUMI-MM1326AD Datasheet
268Kb / 9P
   Q Xpander Processors
MM1326AJ MITSUMI-MM1326AJ Datasheet
268Kb / 9P
   Q Xpander Processors
MM1327 MITSUMI-MM1327 Datasheet
142Kb / 11P
   Wide Discriminator Monolithic IC
More results

Similar Description - MM13202.1N

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1385 MITSUMI-MM1385 Datasheet
65Kb / 4P
   Microminiature Low-Power Consumption Low-Saturation Regulator
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
MM1180 MITSUMI-MM1180 Datasheet
104Kb / 5P
   Low-Noise, Low-Satulation Three-Pin Regulator
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1065 MITSUMI-MM1065 Datasheet
98Kb / 5P
   Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
logo
ELM Electronics
ELM99XXXA ELM-ELM99XXXA Datasheet
313Kb / 19P
   LOW SATURATION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com