Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1145GK1 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJW1145GK1
Description  AUDIO PROCESSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1145GK1 Datasheet(HTML) 5 Page - New Japan Radio

  NJW1145GK1 Datasheet HTML 1Page - New Japan Radio NJW1145GK1 Datasheet HTML 2Page - New Japan Radio NJW1145GK1 Datasheet HTML 3Page - New Japan Radio NJW1145GK1 Datasheet HTML 4Page - New Japan Radio NJW1145GK1 Datasheet HTML 5Page - New Japan Radio NJW1145GK1 Datasheet HTML 6Page - New Japan Radio NJW1145GK1 Datasheet HTML 7Page - New Japan Radio NJW1145GK1 Datasheet HTML 8Page - New Japan Radio NJW1145GK1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
NJW1145
-5 -
s
s
s
s ELECTRICAL CHARACTERISTICS ( Ta=25
°C, V+=9V, Rg=600Ω, R
L=47k
Ω, Vin=100mVrms)
q
q
q
q SURROUND
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
SURROUND SIM A
SRSIMA
Ain+Bin
→ Aout, f=1kHz
1.0
3.0
5.0
dB
SURROUND SIM B
SRSIMB
Ain+Bin
→ Bout, f=1kHz
1.0
3.0
5.0
dB
SURROUND 3D 1
SR3D1
Ain
→ Aout, f=100Hz
8.0
10.0
12.0
dB
SURROUND 3D 2
SR3D2
Ain
→ Aout, f=10kHz
-2.0
0.0
2.0
dB
SURROUND 3D 3
SR3D3
Ain
→ Bout, f=100Hz
4.5
6.5
8.5
dB


Similar Part No. - NJW1145GK1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1140 NJRC-NJW1140 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJW1140GK1 NJRC-NJW1140GK1 Datasheet
471Kb / 15P
   AUDIO PROCESSOR with SRS
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1141L NJRC-NJW1141L Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1141M NJRC-NJW1141M Datasheet
287Kb / 20P
   AUDIO PROCESSOR
More results

Similar Description - NJW1145GK1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
NJW1138 NJRC-NJW1138 Datasheet
352Kb / 21P
   AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
NJW1173 NJRC-NJW1173 Datasheet
155Kb / 17P
   AUDIO PROCESSOR
NJW1172 NJRC-NJW1172 Datasheet
604Kb / 23P
   AUDIO PROCESSOR
NJW1165 NJRC-NJW1165 Datasheet
508Kb / 25P
   AUDIO PROCESSOR
logo
Analog Devices
SST-MELODY-DAP AD-SST-MELODY-DAP_15 Datasheet
589Kb / 24P
   Audio Processor
logo
New Japan Radio
NJW1144 NJRC-NJW1144 Datasheet
774Kb / 24P
   AUDIO PROCESSOR
NJW1133A NJRC-NJW1133A Datasheet
347Kb / 20P
   AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com