Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4975EIJT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4975EIJT
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via IC Bus
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975EIJT Datasheet(HTML) 4 Page - STMicroelectronics

  TS4975EIJT Datasheet HTML 1Page - STMicroelectronics TS4975EIJT Datasheet HTML 2Page - STMicroelectronics TS4975EIJT Datasheet HTML 3Page - STMicroelectronics TS4975EIJT Datasheet HTML 4Page - STMicroelectronics TS4975EIJT Datasheet HTML 5Page - STMicroelectronics TS4975EIJT Datasheet HTML 6Page - STMicroelectronics TS4975EIJT Datasheet HTML 7Page - STMicroelectronics TS4975EIJT Datasheet HTML 8Page - STMicroelectronics TS4975EIJT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Electrical Characteristics
TS4975
4/33
3
Electrical Characteristics
Table 3.
Electrical characteristics for the I²C interface
Table 4.
Output noise (all inputs grounded)
Symbol
Parameter
Value
Unit
VIL
Maximum Low level Input Voltage on pin SDA, SCL,
VADD
0.3 VCC
V
VIH
Minimum High Level Input Voltage on pin SDA, SCL,
VADD
0.7 VCC
V
FSCL
SCL Maximum clock Frequency
400
kHz
Vol
Max Low Level Output Voltage, SDA pin,
Isink = 3mA
0.4
V
Ii
Input current on SDA, SCL.
From 0.1Vcc to 0.9Vcc
10
µA
Unweighted Filter
from Vcc=2.5V to 5V
Weighted Filter (A)
from Vcc=2.5V to 5V
SE, G=+2dB
34µVrms
23µVrms
SE, G=+18dB
67µVrms
45µVrms
PHG, G=+2dB
34µVrms
23µVrms
PHG, G=+18dB
67µVrms
45µVrms


Similar Part No. - TS4975EIJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4975EIJT STMICROELECTRONICS-TS4975EIJT Datasheet
795Kb / 36P
   Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
More results

Similar Description - TS4975EIJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4975 STMICROELECTRONICS-TS4975_05 Datasheet
795Kb / 36P
   Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
   Digital volume control stereo headphone amplifier
logo
National Semiconductor ...
LM4981 NSC-LM4981 Datasheet
1Mb / 18P
   Ground-Referenced, 80mW Stereo Headphone Amplifier with Digital Volume Control
logo
Unisonic Technologies
LM4811 UTC-LM4811_15 Datasheet
199Kb / 9P
   DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729 Datasheet
479Kb / 28P
   Stereo Headphone Amplifier with BassMax, Volume Control, and Input Mux
Rev 0; 7/07
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com