Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB17BA1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TSB17BA1
Description  IEEE STD 1394b SINGLE-PORT CABLE TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB17BA1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSB17BA1 Datasheet HTML 2Page - Texas Instruments TSB17BA1 Datasheet HTML 3Page - Texas Instruments TSB17BA1 Datasheet HTML 4Page - Texas Instruments TSB17BA1 Datasheet HTML 5Page - Texas Instruments TSB17BA1 Datasheet HTML 6Page - Texas Instruments TSB17BA1 Datasheet HTML 7Page - Texas Instruments TSB17BA1 Datasheet HTML 8Page - Texas Instruments TSB17BA1 Datasheet HTML 9Page - Texas Instruments TSB17BA1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TSB17BA1
IEEE STD 1394b SINGLEPORT CABLE TRANSCEIVER
SLLS568C − JANUARY 2004 − REVISED MARCH 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
TYP†
MAX
UNIT
Supply voltage, VDD33
3
3.3
3.6
V
Supply voltage, VDDCORE
1.65
1.8
1.95
V
High-level input voltage, VIH
TEST[0:3], PD_SE, VREG_PD
0.7
×VDD
V
Low-level input voltage, VIL
TEST[0:3], PD_SE, VREG_PD
0.3
×VDD
V
Maximum junction temperature, TJ
(see RθJA values listed in thermal
RθJA = 91.47°C/W, TA = 70°C, high-K board
86.5
°C
J
(see RθJA values listed in thermal
characteristics table)
RθJA = 150.70_C/W, TA = 70°C, low-K board
97.1
°C
1394b Differential input voltage, VID
BETA_INP−BETA_INN
200
800
mV
1394b Common-mode input voltage, VIC
BETA_IN cable inputs, nonsource power node
0.4706
2.015
V
Receive input jitter
BETA_INP, BETA_INN cable inputs, S100 operation
±1.08
ns
Receive input skew
Between BETA_OUT and BETA_IN cable inputs,
S100 operation
±0.8
ns
† All typical values are at VDD = 3.3 V and TA = 25°C.


Similar Part No. - TSB17BA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSB17 ETC1-TSB17 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
StarHope
TSB170U SPSEMI-TSB170U Datasheet
184Kb / 5P
   TSB(480W) Series
More results

Similar Description - TSB17BA1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3-EP TI1-TSB81BA3-EP_14 Datasheet
711Kb / 58P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER 
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP Datasheet
799Kb / 68P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI1-TSB81BA3E_14 Datasheet
612Kb / 58P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP_14 Datasheet
987Kb / 68P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV06A TI1-TSB41LV06A_16 Datasheet
808Kb / 52P
[Old version datasheet]   IEEE 1394b SIX-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com