Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM13203.2N Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM13203.2N
Description  Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM13203.2N Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM13203.2N Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM13203.2N Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM13203.2N Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM13203.2N Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM13203.2N Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM13203.2N Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MITSUMI
Microminiature Low-Noise, Low-Saturation Three-Pin Regulator MM1320
Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
Monolithic IC MM1320
Outline
This IC is a microminiature low-noise stabilized power supply device featuring a highly precise output voltage
and a small input/output voltage difference of only 0.15V at an output current of 60mA.
The IC delivers output currents of up to 200mA, and through use of a noise pin output noise is diminished
even further. An on/off pin can be used to turn the output on and off.
Features
1. Input/output voltage difference
0.15V typ. (IO=60mA)
2. Output noise voltage
30µVRMS typ. (Cn=0.01µF)
3. Maximum output current
150mA max.
4. No-load input current
170µA typ.
5. With internal overcurrent protection and thermal shutdown circuits
6. Output voltage ranks
2~3.3V (0.1 V steps)
3.5V, 4V, 4.5V, 5V
7. Output on/off control function
High : ON, Low : OFF
Package
SOT-25A (MM1320
N)
*The output voltage rank appears in the boxes.
Applications
1. Cordless phones
2. Portable phones, PHS
3. Portable minidiscs
4. Other portable equipment which uses batteries
Pin Assignment
1
CONT
2
GND
3
NOISE
4
VOUT
5
VIN
54
12
3
SOT-25A


Similar Part No. - MM13203.2N

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1323 MITSUMI-MM1323 Datasheet
137Kb / 6P
   LCD Interface Monolithic IC MM1323
MM1326 MITSUMI-MM1326 Datasheet
268Kb / 9P
   Q Xpander Processors
MM1326AD MITSUMI-MM1326AD Datasheet
268Kb / 9P
   Q Xpander Processors
MM1326AJ MITSUMI-MM1326AJ Datasheet
268Kb / 9P
   Q Xpander Processors
MM1327 MITSUMI-MM1327 Datasheet
142Kb / 11P
   Wide Discriminator Monolithic IC
More results

Similar Description - MM13203.2N

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1385 MITSUMI-MM1385 Datasheet
65Kb / 4P
   Microminiature Low-Power Consumption Low-Saturation Regulator
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
MM1180 MITSUMI-MM1180 Datasheet
104Kb / 5P
   Low-Noise, Low-Satulation Three-Pin Regulator
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1065 MITSUMI-MM1065 Datasheet
98Kb / 5P
   Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
logo
ELM Electronics
ELM99XXXA ELM-ELM99XXXA Datasheet
313Kb / 19P
   LOW SATURATION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com