Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR30LT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BFR30LT1
Description  JFET Amplifiers(N-Channel)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BFR30LT1 Datasheet(HTML) 1 Page - ON Semiconductor

  BFR30LT1 Datasheet HTML 1Page - ON Semiconductor BFR30LT1 Datasheet HTML 2Page - ON Semiconductor BFR30LT1 Datasheet HTML 3Page - ON Semiconductor BFR30LT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
February, 2005 − Rev. 4
1
Publication Order Number:
BFR30LT1/D
BFR30LT1, BFR31LT1
JFET Amplifiers
N−Channel
Features
Pb−Free Package is Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain − Source Voltage
VDS
25
Vdc
Gate − Source Voltage
VGS
25
Vdc
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation (Note 1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate, (Note 2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
− 55 to +150
°C
1. Device mounted on FR4 glass epoxy printed circuit board using the
recommended footprint.
2. Alumina = 0.4 x 0.3 x 0.024 in 99.5% alumina.
http://onsemi.com
Device
Package
Shipping
BFR30LT1
SOT−23
3000/Tape & Reel
SOT−23
CASE 318
STYLE 10
MARKING
DIAGRAM
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1 DRAIN
2 SOURCE
3
GATE
1
2
3
BFR30LT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
BFR31LT1
SOT−23
3000/Tape & Reel
1
MxM
x
= 1 or 2
M
= Date Code
BFR31LT1G
SOT−23
(Pb−Free)
3000/Tape & Reel


Similar Part No. - BFR30LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BFR30LT1 MOTOROLA-BFR30LT1 Datasheet
136Kb / 6P
   JFET Amplifiers(N-Channel)
More results

Similar Description - BFR30LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BFR30LT1 MOTOROLA-BFR30LT1 Datasheet
136Kb / 6P
   JFET Amplifiers(N-Channel)
logo
ON Semiconductor
BF245A ONSEMI-BF245A Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
J309 ONSEMI-J309 Datasheet
66Kb / 5P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N5487 NJSEMI-2N5487 Datasheet
76Kb / 2P
   JFET VHF/UHF Amplifiers N-Channel ??Depletion
logo
ON Semiconductor
2N5460 ONSEMI-2N5460 Datasheet
78Kb / 8P
   JFET Amplifiers
November, 2001 ??Rev. 3
logo
Micross Components
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
   N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
   N-CHANNEL JFET
LSJ112_TO-92 MICROSS-LSJ112_TO-92 Datasheet
290Kb / 1P
   N-CHANNEL JFET
LSJ204_SOT-23 MICROSS-LSJ204_SOT-23 Datasheet
277Kb / 1P
   N-CHANNEL JFET
LSJ212_TO-92 MICROSS-LSJ212_TO-92 Datasheet
278Kb / 1P
   N-CHANNEL JFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com