Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR31LT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BFR31LT1
Description  JFET Amplifiers(N-Channel)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BFR31LT1 Datasheet(HTML) 2 Page - ON Semiconductor

  BFR31LT1 Datasheet HTML 1Page - ON Semiconductor BFR31LT1 Datasheet HTML 2Page - ON Semiconductor BFR31LT1 Datasheet HTML 3Page - ON Semiconductor BFR31LT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BFR30LT1, BFR31LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Gate Reverse Current
(VGS = 10 Vdc, VDS = 0)
IGSS
0.2
nAdc
Gate Source Cutoff Voltage
(ID = 0.5 nAdc, VDS = 10 Vdc)
BFR30
BFR31
VGS(OFF)
5.0
2.5
Vdc
Gate Source Voltage
(ID = 1.0 mAdc, VDS = 10 Vdc)
BFR30
BFR31
(ID = 50 mAdc, VDS = 10 Vdc)
BFR30
BFR31
VGS
− 0.7
− 3.0
− 1.3
− 4.0
− 2.0
Vdc
ON CHARACTERISTICS
Zero − Gate −Voltage Drain Current
(VDS = 10 Vdc, VGS = 0)
BFR30
BFR31
IDSS
4.0
1.0
10
5.0
mAdc
SMALL−SIGNAL CHARACTERISTICS
Forward Transconductance
(ID = 1.0 mAdc, VDS = 10 Vdc, f = 1.0 kHz)
BFR30
BFR31
(ID = 200 mAdc, VDS = 10 Vdc, f = 1.0 kHz)
BFR30
BFR31
yfs
1.0
1.5
0.5
0.75
4.0
4.5
mmhos
Output Admittance
(ID = 1.0 mAdc, VDS = 10 Vdc, f = 1.0 kHz)
BFR30
(ID = 200 mAdc, VDS = 10 Vdc)
BFR31
yos
40
20
25
15
mmhos
Input Capacitance
(ID = 1.0 mAdc, VDS = 10 Vdc, f = 1.0 MHz)
(ID = 200 mAdc, VDS = 10 Vdc, f = 1.0 MHz)
Ciss
5.0
4.0
pF
Reverse Transfer Capacitance
(ID = 1.0 mAdc, VDS = 10 Vdc, f = 1.0 MHz)
(ID = 200 mAdc, VDS = 10 Vdc, f = 1.0 MHz)
Crss
1.5
1.5
pF
TYPICAL CHARACTERISTICS
f, FREQUENCY (kHz)
Figure 1. Noise Figure versus Frequency
RS, SOURCE RESISTANCE (Megohms)
Figure 2. Noise Figure versus Source
Resistance
14
0.01
4
3
2
0
12
1
0.1
1.0
10
100
5
10
8
6
4
2
0
0.001
0.01
0.1
1.0
10
VDS = 15 V
VGS = 0
RS = 1 MW
VDS = 15 V
VGS = 0
f = 1 kHz


Similar Part No. - BFR31LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BFR31LT1 MOTOROLA-BFR31LT1 Datasheet
136Kb / 6P
   JFET Amplifiers(N-Channel)
More results

Similar Description - BFR31LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BFR30LT1 MOTOROLA-BFR30LT1 Datasheet
136Kb / 6P
   JFET Amplifiers(N-Channel)
logo
ON Semiconductor
BF245A ONSEMI-BF245A Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
J309 ONSEMI-J309 Datasheet
66Kb / 5P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N5487 NJSEMI-2N5487 Datasheet
76Kb / 2P
   JFET VHF/UHF Amplifiers N-Channel ??Depletion
logo
ON Semiconductor
2N5460 ONSEMI-2N5460 Datasheet
78Kb / 8P
   JFET Amplifiers
November, 2001 ??Rev. 3
logo
Micross Components
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
   N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
   N-CHANNEL JFET
LSJ112_TO-92 MICROSS-LSJ112_TO-92 Datasheet
290Kb / 1P
   N-CHANNEL JFET
LSJ204_SOT-23 MICROSS-LSJ204_SOT-23 Datasheet
277Kb / 1P
   N-CHANNEL JFET
LSJ212_TO-92 MICROSS-LSJ212_TO-92 Datasheet
278Kb / 1P
   N-CHANNEL JFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com