Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75386NW Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC75386NW
Description  LC75386NE-R/LC75386NW
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75386NW Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC75386NW Datasheet HTML 6Page - Sanyo Semicon Device LC75386NW Datasheet HTML 7Page - Sanyo Semicon Device LC75386NW Datasheet HTML 8Page - Sanyo Semicon Device LC75386NW Datasheet HTML 9Page - Sanyo Semicon Device LC75386NW Datasheet HTML 10Page - Sanyo Semicon Device LC75386NW Datasheet HTML 11Page - Sanyo Semicon Device LC75386NW Datasheet HTML 12Page - Sanyo Semicon Device LC75386NW Datasheet HTML 13Page - Sanyo Semicon Device LC75386NW Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LC75386NE-R, 75386NW
No.6170-10/23
   2dBボリウムブロック等価回路図
・タップ上の
 トータル抵抗
 195kΩ
イニシャル設定用 SW
・タップ下の
 トータル抵抗
 30.847kΩ
Rch も同一
単位(抵抗値:Ω)
LCH
1dB
ブロックへ
LVref
41.139k
32.678k
25.957k
20.618k
16.378k
-2dB
-4dB
-6dB
-8dB
-10dB
-12dB
-14dB
0dB
-16dB
-18dB
-20dB
-22dB
-24dB
-26dB
-28dB
-30dB
-32dB
-34dB
-36dB
-38dB
-40dB
-42dB
-44dB
-46dB
-48dB
-50dB
-52dB
-54dB
-56dB
-58dB
-60dB
-62dB
-64dB
-66dB
-68dB
-70dB
-72dB
-74dB
-76dB
-78dB
-∞dB
13.009k
10.334k
8.208k
6.520k
5.179k
4.114k
3.268k
2.596k
2.062k
1.638k
1.301k
6.344k
5.040k
LCT
5.750k
4.003k
3.180k
2.526k
2.006k
1.594k
1.266k
1.006k
0.799k
0.634k
0.504k
0.400k
0.318k
0.253k
0.201k
0.159k
0.127k
0.101k
0.080k
0.063k
0.050k
0.040k
0.154k
LVRIN


Similar Part No. - LC75386NW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75386NE SANYO-LC75386NE Datasheet
320Kb / 20P
   Electronic Volume and Tone Control for Car Stereo Systems
More results

Similar Description - LC75386NW

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SFN5A600 KODENSHI-SFN5A600 Datasheet
705Kb / 7P
   Ultrafast R ecovery Power R ectifier
logo
Molex Electronics Ltd.
2166201042 MOLEX-2166201042 Datasheet
332Kb / 1P
   SQUBA3.6 R-R 4CKT 300MM Sn
2020/07/08
2153101041 MOLEX-2153101041 Datasheet
313Kb / 1P
   MizuP25 R-R 4ckt 150mm Sn
2020/07/20
2166201033 MOLEX-2166201033 Datasheet
328Kb / 1P
   SQUBA3.6 R-R 3CKT 600MM Sn
2020/07/08
logo
KODENSHI_AUK CORP.
SFN5A300DN KODENSHI-SFN5A300DN Datasheet
534Kb / 5P
   Ultrafast R ecovery Power R ectifier
logo
Powerbox
MULTIPLUS POWERBOX-MULTIPLUS Datasheet
115Kb / 2P
   I N V E R T E R C H A R G E R
logo
KODENSHI_AUK CORP.
SFN20A600 KODENSHI-SFN20A600 Datasheet
720Kb / 7P
   Ultrafast R ecovery Power R ectifier
logo
Molex Electronics Ltd.
2153101031 MOLEX-2153101031 Datasheet
309Kb / 1P
   MizuP25 R-R 3ckt 150mm Sn
2020/07/20
2166201021 MOLEX-2166201021 Datasheet
323Kb / 1P
   SQUBA3.6 R-R 2CKT 150MM Sn
2020/07/08
2153101022 MOLEX-2153101022 Datasheet
299Kb / 1P
   MizuP25 R-R 2ckt 300mm Sn
2020/07/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com