Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC16640 Datasheet(PDF) 3 Page - Texas Instruments

Part # 54AC16640
Description  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54AC16640 Datasheet(HTML) 3 Page - Texas Instruments

  54AC16640 Datasheet HTML 1Page - Texas Instruments 54AC16640 Datasheet HTML 2Page - Texas Instruments 54AC16640 Datasheet HTML 3Page - Texas Instruments 54AC16640 Datasheet HTML 4Page - Texas Instruments 54AC16640 Datasheet HTML 5Page - Texas Instruments 54AC16640 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
54AC16640, 74AC16640
16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCAS240A – JULY 1990 – REVISED APRIL 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±400 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air)(see Note 2): DL package
1.2 W
. . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 750 mils.
recommended operating conditions (see Note 3)
54AC16640
74AC16640
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5
5.5
3
5
5.5
V
VCC = 3 V
2.1
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VCC = 5.5 V
3.85
3.85
VCC = 3 V
0.9
0.9
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
V
VCC = 5.5 V
1.65
1.65
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 3 V
–4
–4
IOH
High-level output current
VCC = 4.5 V
–24
–24
mA
VCC = 5.5 V
–24
–24
VCC = 3 V
12
12
IOL
Low-level output current
VCC = 4.5 V
24
24
mA
VCC = 5.5 V
24
24
∆t/∆v
Input transition rise or fall rate
0
10
0
10
ns/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: Unused inputs must be held high or low to prevent them from floating.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - 54AC16640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16640 TI1-54AC16640 Datasheet
131Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16640WD TI1-54AC16640WD Datasheet
131Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16640 TI1-54AC16640_09 Datasheet
131Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 54AC16640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Maxwell Technologies
54LVTH162245 MAXWELL-54LVTH162245 Datasheet
222Kb / 10P
   16-Bit Bus Transceivers with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com