CY7C43663AV
CY7C43643AV
CY7C43683AV
Document #: 38-06024 Rev. *C
Page 9 of 28
Bus Sizing
The Port B bus can be configured in a 36-bit long-word, 18-bit
word, or 9-bit byte format for data read from FIFO. The levels
applied to the Port B Bus Size Select (SIZE) and the Bus
Match Select (BM) determine the Port B bus size. These levels
should be static throughout FIFO operation. Both bus size
selections are implemented at the completion of Master Reset,
by the time the Full/Input Ready flag is set HIGH.
Two different methods for sequencing data transfer are
available for Port B when the bus-size selection is either byte
or word size. They are referred to as Big Endian (most signif-
icant byte first) and Little Endian (least significant byte first).
The level applied to the Big Endian Select (BE) input during
the LOW-to-HIGH transition of MRS1/MRS2 selects the
endian method that will be active during FIFO operation. BE is
a don’t care input when the bus size selected for Port B is
long-word. The endian method is implemented at the
completion of Master Reset, by the time the Full/Input Ready
flag is set HIGH.
Only 36-bit long-word data is written to the FIFO memory on
the CY7C436X3AV. Bus-matching operations are done after
data is read from the FIFO. These bus-matching operations
are not available when transferring data via mailbox registers.
Furthermore, both the word- and byte-size bus selections limit
the width of the data bus that can be used for mail register
operations. In this case, only those byte lanes belonging to the
selected word- or byte-size bus can carry mailbox data. The
remaining data outputs will be indeterminate. The remaining
data inputs will be don’t care inputs. For example, when a
word-size bus is selected, then mailbox data can be trans-
mitted only between A0–17 and B0–17. When a byte-size bus is
selected, then mailbox data can be transmitted only between
A0–8 and B0–8.
Bus-Matching FIFO Reads
Data is read from the FIFO RAM in 36-bit long-word incre-
ments. If a long-word bus size is implemented, the entire long-
word immediately shifts to the FIFO output register. If byte or
word size is implemented on Port B, only the first one or two
bytes appear on the selected portion of the FIFO output
register, with the rest of the long-word stored in auxiliary
registers. In this case, subsequent FIFO reads output the rest
of the long-word to the FIFO output register.
When reading data from the FIFO in the byte or word format,
the unused B9–35 or B18–35 outputs are indeterminate.
Retransmit (RT)
The retransmit feature is beneficial when transferring packets
of data. It enables the receipt of data to be acknowledged by
the receiver and retransmitted if necessary. Retransmit
function applies to CY standard mode only.
The number of 36-/18-/9-bit words written into the FIFO should
be less than full depth minus 2/4/8 words between the reset of
the FIFO (master or partial) and Retransmit setup. A LOW
pulse on RT resets the internal Read pointer to the first phys-
ical location of the FIFO. CLKA and CLKB may be free running
but ENB must be disabled during and tRTR after the retransmit
pulse. With every valid Read cycle after retransmit, previously
accessed data is read and the Read pointer is incremented
until it is equal to the Write pointer. Flags are governed by the
relative locations of the Read and Write pointers and are up-
dated during a retransmit cycle. Data written to the FIFO after
activation of RT are transmitted also. The full depth of the FIFO
can be repeatedly retransmitted.