Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3545IDGKRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC3545IDGKRG4
Description  5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3545IDGKRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLC3545IDGKRG4 Datasheet HTML 1Page - Texas Instruments TLC3545IDGKRG4 Datasheet HTML 2Page - Texas Instruments TLC3545IDGKRG4 Datasheet HTML 3Page - Texas Instruments TLC3545IDGKRG4 Datasheet HTML 4Page - Texas Instruments TLC3545IDGKRG4 Datasheet HTML 5Page - Texas Instruments TLC3545IDGKRG4 Datasheet HTML 6Page - Texas Instruments TLC3545IDGKRG4 Datasheet HTML 7Page - Texas Instruments TLC3545IDGKRG4 Datasheet HTML 8Page - Texas Instruments TLC3545IDGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TLC3541, TLC3545
SLAS345 − DECEMBER 2001
5V, LOW POWER, 14BIT, 200KSPS
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWER DOWN
1
www.ti.com
FEATURES
D 200-KSPS Sampling Rate
D Built-In Conversion Clock
D INL: ±1 LSB Max
DNL:
±1 LSB Max
D SINAD = 81.5 dB, SFDR = 95 dB
THD = 94 dB at 15 kHz fin, 200 KSPS
D SPI/DSP-Compatible Serial Interfaces With
SCLK Input up to 15 MHz
D Single 5-V Supply
D Rail-to-Rail Analog Input With 500 kHz BW
D Two Input Options Available:
− TLC3541 − Single Channel Input
− TLC3545 − Single Channel,
Pseudo-Differential Input
D (TLC3541) Optimized DSP Interface −
Requires FS Input Only
D Low Power With Auto-Power Down
− Operating Current: 3.5 mA
− Auto-Powerdown Current: 5
µA
D Pin Compatible 12-/14-/16-Bit Family in 8-Pin
SOIC and MSOP Packages
APPLICATIONS
D ATE System
D Industrial Process Control
D Measurement
D Motor Control
DESCRIPTION
The TLC3541 and TLC3545 are a family of high
performance, 14-bit, low power, miniature CMOS
analog-to-digital converters (ADCs). These devices
operate from a single 5-V supply. Devices are available
with single, dual, or single pseudo-differential inputs. All
of these devices have a chip select (CS), serial clock
(SCLK), and serial data output (SDO) that provides a
direct 3-wire interface to the serial port of most popular
host microprocessors (SPI interface). When interfaced
with a DSP, a frame sync signal (FS) is used to indicate
the start of a serial data frame on either pin 1 (CS) or pin
7 (FS) for the TLC3541. The TLC3545 ADC connects
to the DSP via pin 1 only (CS).
The TLC3541 and TLC3545 are designed to operate
with low power consumption. The power saving feature
is further enhanced with an auto-power down mode.
This product family features a high-speed serial link to
modern host processors with an external SCLK up to
15 MHz. Both families use a built-in oscillator as the
conversion clock, providing a 2.67
µs maximum
conversion time.
SDO
FS
VDD
SCLK
8
7
6
5
1
2
3
4
CS
REF
GND
AIN
TLC3541
D OR DGK Package
(TOP VIEW)
SDO
SCLK
VDD
AIN(−)
8
7
6
5
1
2
3
4
CS
REF
GND
AIN(+)
TLC3545
D OR DGK Package
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLC3545IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3545IDGK TI1-TLC3545IDGK Datasheet
837Kb / 27P
[Old version datasheet]   200-KSPS Sampling Rate Built-In Conversion Clock
TLC3545IDGKG4 TI1-TLC3545IDGKG4 Datasheet
837Kb / 27P
[Old version datasheet]   200-KSPS Sampling Rate Built-In Conversion Clock
More results

Similar Description - TLC3545IDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC4541 TI1-TLC4541_14 Datasheet
840Kb / 28P
[Old version datasheet]   5-V LOW POWER, 16-BIT, 200-KSPS SEREAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC1514 TI-TLC1514 Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514_15 Datasheet
591Kb / 39P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514_14 Datasheet
594Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554 TI1-TLC2554_14 Datasheet
1Mb / 50P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2554 TI-TLC2554 Datasheet
566Kb / 37P
[Old version datasheet]   5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
[Old version datasheet]   2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com