Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC4DCN Datasheet(PDF) 6 Page - ON Semiconductor

Part # MAC4DCN
Description  Triacs Silicon Bidirectional Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC4DCN Datasheet(HTML) 6 Page - ON Semiconductor

  MAC4DCN Datasheet HTML 1Page - ON Semiconductor MAC4DCN Datasheet HTML 2Page - ON Semiconductor MAC4DCN Datasheet HTML 3Page - ON Semiconductor MAC4DCN Datasheet HTML 4Page - ON Semiconductor MAC4DCN Datasheet HTML 5Page - ON Semiconductor MAC4DCN Datasheet HTML 6Page - ON Semiconductor MAC4DCN Datasheet HTML 7Page - ON Semiconductor MAC4DCN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MAC4DCM, MAC4DCN
http://onsemi.com
6
Figure 13. Typical Exponential Static dv/dt
versus Junction Temperature, MT2(+)
Figure 14. Typical Exponential Static dv/dt
versus Junction Temperature, MT2(−)
Figure 15. Critical Rate of Rise of
Commutating Voltage
125
100
TJ, JUNCTION TEMPERATURE (°C)
4.0 K
TJ, JUNCTION TEMPERATURE (°C)
125
100
10 K
2.0 K
0
5.0
35
0
di/dt(c), RATE OF CHANGE OF COMMUTATING CURRENT (A/ms)
100
10
1.0
2.0 K
0
105
110
115
120
105
110
12 K
14 K
10 K
8.0 K
115
120
4.0 K
6.0 K
8.0 K
10
15
GATE OPEN
VPK = 400 V
800 V
600 V
GATE OPEN
VPK = 400 V
800 V
600 V
VPK = 400 V
100°C
75°C
TJ = 125°C
tw
VDRM
(di/dt)c =
6f ITM
1000
f =
1
2 tw
6.0 K
20
25
30
Figure 16. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Current (di/dt)c
LL
1N4007
200 V
+
MEASURE
I
CHARGE
CONTROL
CHARGE
TRIGGER
NON-POLAR
CL
51 W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (di/dt)c. See AN1048 for additional information.


Similar Part No. - MAC4DCN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC4DCN MOTOROLA-MAC4DCN Datasheet
156Kb / 8P
   TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
logo
ON Semiconductor
MAC4DCN ONSEMI-MAC4DCN Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
logo
HAOPIN MICROELECTRONICS...
MAC4DCN HAOPIN-MAC4DCN Datasheet
495Kb / 6P
   Blocking voltage to 800 V
logo
ON Semiconductor
MAC4DCN-001 ONSEMI-MAC4DCN-001 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC4DCN-1G ONSEMI-MAC4DCN-1G Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
More results

Similar Description - MAC4DCN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com