Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT59L91 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT59L91
Description  Single-Chip E1 Line Interface Unit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT59L91 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT59L91 Datasheet HTML 2Page - Exar Corporation XRT59L91 Datasheet HTML 3Page - Exar Corporation XRT59L91 Datasheet HTML 4Page - Exar Corporation XRT59L91 Datasheet HTML 5Page - Exar Corporation XRT59L91 Datasheet HTML 6Page - Exar Corporation XRT59L91 Datasheet HTML 7Page - Exar Corporation XRT59L91 Datasheet HTML 8Page - Exar Corporation XRT59L91 Datasheet HTML 9Page - Exar Corporation XRT59L91 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
XRT59L91
6
Rev. P2.00
Preliminary
AC ELECTRICAL CHARACTERISTICS 25°C
Unless otherwise specified: T
A= VDD=3.3V±5%, unless otherwise specified.
DC ELECTRICAL CHARACTERISTICS 25°C
Unless otherwise specified: T
A=-, VDD=3.3V±5%, unless otherwise specified.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
V
DD
3.13
3.3
3.46
V
Input High Voltage
V
IH
2.0
-
5.0
V
Input Low Voltage
V
IL
-0.5
-
0.8
V
Output High Voltage @ I
OH = -4mA
V
OH
2.4
-
-
V
Output Low Voltage @ I
OL = 4mA
V
OL
-
-
0.4
V
Input Leakage Current
(except Input pins with pull-up resistor
I
L
-
-
± 10
m
A
Input Capacitance
CI
-
5.0
-
pF
Output Load Capacitance
C
L
--
25
pF
Power Consumption including the line power dissipation, tranmission and receive paths all active
Unless otherwise specified: T
A=-40 to 85°C, VDD=3.3V±5%, unless otherwise specified.
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Power Consumption
PC
-
130
145
mW
75W load, operating at
50% Mark Density
Power Consumption
PC
-
115
130
mW
120W load, operating at
50% Mark Density
Power Consumption
PC
-
170
185
mW
75W load, operating at
100% Mark Density
Power Consumption
PC
-
140
155
mW
120W load, operating at
100% Mark Density
Power Consumption
PC
-
25
30
mW
Transmitter in Powered-
down mode
Parameter
Symbol
Min
Typ
Max
Unit
TClk Clock Period
T1
-
488
-
n s
TClk Duty Cycle
T2
47
50
53
%
Transmit Data Setup Time
TSU
50
-
-
n s
Transmit Data Hold Time
THO
30
-
-ns
Transmit Data Prop. Delay Time
T3
- RZ data Mode
-
50
-
n s
- NRZ data Mode (clock mode)
-
50
-
n s
TClk Rise Time(10%/90%)
TR
-
-
40
n s
TClk Fall Time(90%/10%)
TF
-
-
40
n s
Receive Data Rise Time
Rtr
-
-
40
n s
Receive Data Fall Time
Rtf
-
-
40
n s
Receive Data Prop. Delay
Rpd
-
160
-
n s
Receive Data Pulse Width
Rxpw
210
244
450
n s


Similar Part No. - XRT59L91

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
XRT59L921IB EXAR-XRT59L921IB Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
More results

Similar Description - XRT59L91

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
   E1 LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
   OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
logo
Integrated Device Techn...
IDT82V2051E IDT-IDT82V2051E Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
   Quad T1/E1 Line Interface Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com