Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT59L91ID Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT59L91ID
Description  Single-Chip E1 Line Interface Unit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT59L91ID Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT59L91ID Datasheet HTML 7Page - Exar Corporation XRT59L91ID Datasheet HTML 8Page - Exar Corporation XRT59L91ID Datasheet HTML 9Page - Exar Corporation XRT59L91ID Datasheet HTML 10Page - Exar Corporation XRT59L91ID Datasheet HTML 11Page - Exar Corporation XRT59L91ID Datasheet HTML 12Page - Exar Corporation XRT59L91ID Datasheet HTML 13Page - Exar Corporation XRT59L91ID Datasheet HTML 14Page - Exar Corporation XRT59L91ID Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
XRT59L91
11
Rev. P2.00
Preliminary
With input signal as described above, the XRT59L91
device will take each mark (which is provided to it via the
“Transmit Input Interface” block, and will generate a
pulse that complies with the pulse template, presented
in Figure 4 (when measured on the secondary-side of
the Transmit Output Transformer).
1.2
Interfacing the Transmit Section of the
XRT59L91 device to the Line
ITU-T G.703 specifies that the E1 line signal can be
transmitted over coaxial cable and terminated with 75W
or transmitted over twisted-pair and terminated with
120W .
In both applications (e.g., 75W or 120W ), the user is
advised to interface the Transmitter to the Line, in the
manner as depicted in Figures 5 and 6, respectively.
Figure 5. Illustration of how to interface the Transmit Section of the
XRT59L91 device to the Line (for “75W
W
W
W
W
” Applications)
U
1
XR T59L91
TTIP
1
3
TR in g
1
5
TxP O S
2
TxN E G
3
TxC lk
1
R
1
9.
1
1
2
R
2
9.
1
1
2
1:
2
PE -
65835
1
5
4
8
J
1
BN
C
1
TxP O S
TxN E G
T xLineC lk


Similar Part No. - XRT59L91ID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
XRT59L921IB EXAR-XRT59L921IB Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
More results

Similar Description - XRT59L91ID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
   E1 LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
   OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
logo
Integrated Device Techn...
IDT82V2051E IDT-IDT82V2051E Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
   Quad T1/E1 Line Interface Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com