Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT59L91ID Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT59L91ID
Description  Single-Chip E1 Line Interface Unit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT59L91ID Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT59L91ID Datasheet HTML 3Page - Exar Corporation XRT59L91ID Datasheet HTML 4Page - Exar Corporation XRT59L91ID Datasheet HTML 5Page - Exar Corporation XRT59L91ID Datasheet HTML 6Page - Exar Corporation XRT59L91ID Datasheet HTML 7Page - Exar Corporation XRT59L91ID Datasheet HTML 8Page - Exar Corporation XRT59L91ID Datasheet HTML 9Page - Exar Corporation XRT59L91ID Datasheet HTML 10Page - Exar Corporation XRT59L91ID Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
XRT59L91
7
Rev. P2.00
Preliminary
RECEIVER ELECTRICAL CHARACTERISTICS
T
A=-40 to 85°C, VDD=3.3V±5%, unless otherwise specified.
Parameter
Min
Typ
Max
Unit
Test Conditions
Receiver Loss of Signal:
Threshold to Assert
12
20
-
dB
Cable attenuation @ 1024KHz
Threshold to Clear
11
15
dB
Time Delay
10
-
255
bit
per ITU-G.775
Hysteresis
-
5
-
dB
Receiver Sensitivity
11
13
-
dB
Below nominal pulse amplitude of 3.0V
for 120W and 2.37V for 75W applications.
With -18dB interference signal added.
Interference Margin
-18
-14
-
dB
With 6dB cable loss
Input Impedance
-
5
-
KW
Jitter Tolerance:
20Hz
10
700Hz
5
-
-
UIpp
10KHz —100KHz
0.3
Return Loss:
51KHz —102KHz
14
-
-
dB
102KHz—2048KHz
20
-
-
dB
per ITU-G.703
2048KHz—3072KHz
16
-
-
dB
TRANSMITTER ELECTRICAL CHARACTERISTICS
T
A=-40 to 85°C, VDD=3.3V±5%, unless otherwise specified.
Parameter
Min
Typ
Max
Unit
Test Conditions
AMI Output Pulse Amplitude:
75W Application
2.13
2.37
2.60
V
Use transformer with 1:2 ratio
120W Application
2.70
3.00
3.30
and 9.1W resistor in series
with each end of primary.
Output Pulse Width
224
244
264
ns
Output Pulse Width Ratio
0.95
1.00
1.05
-
per ITU-G.703
Output Pulse Amplitude Ratio
0.95
1.00
1.05
-
per ITU-G.703
Output Return Loss:
51KHz —102KHz
10
-
-
dB
102KHz—2048KHz
16
-
-
dB
per ETSI 300 166 and CH PTT
2048KHz—3072KHz
12
-
-
dB
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
-65°C to + 150°C
Operating Temperature
-40°C to + 85°C
Supply Voltage
-0.5V to + 6.0V


Similar Part No. - XRT59L91ID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
XRT59L921IB EXAR-XRT59L921IB Datasheet
770Kb / 32P
   TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
More results

Similar Description - XRT59L91ID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
   SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
   E1 LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
   OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
logo
Integrated Device Techn...
IDT82V2051E IDT-IDT82V2051E Datasheet
1Mb / 61P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
   Quad T1/E1 Line Interface Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com