Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATLV5 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATLV5
Description  ATLV Series Ultra Low Voltage Gate Arrays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATLV5 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATLV5 Datasheet HTML 1Page - ATMEL Corporation ATLV5 Datasheet HTML 2Page - ATMEL Corporation ATLV5 Datasheet HTML 3Page - ATMEL Corporation ATLV5 Datasheet HTML 4Page - ATMEL Corporation ATLV5 Datasheet HTML 5Page - ATMEL Corporation ATLV5 Datasheet HTML 6Page - ATMEL Corporation ATLV5 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ATLV
5
CMOS Input Interface Characteristics
VIH
CMOS Input High Voltage
0.8 x VDD
V
VT
CMOS Switching Threshold
VDD=1.5 V, 25°C
0.75
V
VOL
Output Low Voltage
IOL=as rated
0.2 x VDD
V
Output buffer has
VDD=1.5 V
12 stages of drive capability
with 0.5 mA IOL per stage.
VOH
Output High Voltage
IOH=as rated
0.8 x VDD
V
Output buffer has
VDD=1.5 V
12 stages of drive capability
with -0.5 mA IOH per stage.
IDD
Static Current
1.0 V
< 75
nA
Input Leakage Low
3.0 V
< 1.0
µA
(no pull-up)
IOS
Output Short Circuit Current
VDD=1.8 V, VOUT=VDD
525
60
mA
(3 x Buffer)(2)
VDD=1.8 V, VOUT=VSS
-60
-25
-5
mA
VIL
CMOS Input Low Voltage
0.2 x VDD
V
IIH
Input Leakage High
VIN=VDD, VDD=1.8 V
1 x 10-5
10
µA
IIL
Input Leakage Low
VIN=VSS, VDD=1.8 V
-10
-1 x 10-5
µA
(no pull-up)
IOZ
Output Leakage (no pull-up)
VIN=VDD or VSS, VDD=3.6 V
-10
1 x 10-5
10
µA
Interface
Logic High
Logic Low
Switchpoint
CMOS
0.90 VDD
0.1 VDD
VDD /2 Typical
Absolute Maximum Ratings*
*NOTICE: Stresses beyond those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Notes:
1. Minimum voltage is -0.6 V dc which may undershoot to -2.0 V
for pulses of less than 20 ns. Maximum output pin voltage is
VDD + 0.75V dc which may overshoot to +7.0 V for pulses of less
than 20 ns.
Operating Temperature .......................-40
°C to +85°C
Storage Temperature ........................ -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground ................... .-2.0 V to +5.5 V1
Maximum Operating Voltage ............................... 5.5 V
Applicable over recommended operating range from Ta = -40°C to +85°C, VDD = 1.0 V to 3.0 V (unless otherwise noted)
1.5 Volt DC Characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
Note:
2. This is the specification for the 3 x Output Buffer. Output short circuit current for other outputs will scale accordingly. Not more
than one output shorted at a time, for a maximum of one second, is allowed.


Similar Part No. - ATLV5

ManufacturerPart #DatasheetDescription
logo
Shanghai Toplite Techno...
ATL-AB44 TOPLITE-ATL-AB44 Datasheet
396Kb / 11P
   SPECIFICATIONS FOR TOPLITE COB MODULE
ATL-B36 TOPLITE-ATL-B36 Datasheet
808Kb / 10P
   SPECIFICATIONS FOR TOPLITE COB MODULE
ATL-B4 TOPLITE-ATL-B4 Datasheet
821Kb / 11P
   SPECIFICATIONS FOR TOPLITE COB MODULE
ATL-B72 TOPLITE-ATL-B72 Datasheet
993Kb / 10P
   SPECIFICATIONS FOR TOPLITE COB MODULE
logo
Lineage Power Corporati...
ATL010A0X43-SR LINEAGEPOWER-ATL010A0X43-SR Datasheet
727Kb / 21P
   9 - 18Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
More results

Similar Description - ATLV5

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
GBLC03C THINKISEMI-GBLC03C Datasheet
3Mb / 4P
   Ultra Low Capacitance Transient Voltage Suppressor Arrays
logo
Littelfuse
SESD LITTELFUSE-SESD Datasheet
1Mb / 8P
   SESD Series Ultra Low Capacitance Diode Arrays
logo
Protek Devices
PAM02SD23XX PROTEC-PAM02SD23XX Datasheet
570Kb / 7P
   ultra LOW CAPACITANCE TVS ARRAYs
logo
WILLAS ELECTRONIC CORP
SEDFN05V4 WILLAS-SEDFN05V4 Datasheet
375Kb / 4P
   Ultra Low Capacitance TVS Arrays
logo
Shanghai Leiditech Elec...
ULC0544T LEIDITECH-ULC0544T Datasheet
2Mb / 10P
   Ultra Low Capacitance TVS Arrays
logo
Semtech Corporation
RCLAMP0522P SEMTECH-RCLAMP0522P Datasheet
621Kb / 13P
   Ultra Low Capacitance TVS Arrays
logo
Bruckewell Technology L...
ESDF5V4 BWTECH-ESDF5V4 Datasheet
1Mb / 4P
   Ultra Low Capacitance TVS Arrays
logo
Littelfuse
SC1004U-ULC-04UTG LITTELFUSE-SC1004U-ULC-04UTG Datasheet
493Kb / 5P
   Ultra Low Capacitance Diode Arrays
2022 Littelfuse, Inc.
logo
WILLAS ELECTRONIC CORP
SEDFN05V4 WILLAS-SEDFN05V4_13 Datasheet
437Kb / 5P
   Ultra Low Capacitance TVS Arrays
logo
Semtech Corporation
RCLAMP0522PA SEMTECH-RCLAMP0522PA Datasheet
377Kb / 13P
   Ultra Low Capacitance TVS Arrays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com