Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3538 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TC3538
Description  5-6 GHz 1W MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC3538 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TC3538 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC3538 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC3538 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC3538 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TRANSCOM
TC3538
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science- Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
3
Evaluation Board Parts List
Part Type
Reference Designator
Description
Manufacturer
Part Number
Capacitor
C1, C2
1000pF 0603
Murata
GRM39C0G102J50V
Capacitor
C3, C4
0.1 uF 0603
Murata
GRM39Y5V104Z25V
Capacitor
C5
4.7uF Tantalum Cap.
Resistor
R1
200 ohm 0603
CONNECTION DIAGRAM AND PIN DESCRIPTIONS
Pin #
Name
Description
4, 5
RF IN
RF input (internally DC blocked)
7, 8
Vd
MMIC drain bias
15, 16
Vg
MMIC gate bias
12, 13
RF OUT
RF output (internally DC blocked)
Others
NC
No Connection
RF OUT
Vd
RF IN
Vg
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
ohm
50
LINE
50
LINE
ohm


Similar Part No. - TC3538

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3538 TRANSCOM-TC3538 Datasheet
184Kb / 4P
   5 - 6 GHz 1W MMIC
More results

Similar Description - TC3538

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3538 TRANSCOM-TC3538 Datasheet
184Kb / 4P
   5 - 6 GHz 1W MMIC
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
   5.8 GHz 1W MMIC
TC3133 TRANSCOM-TC3133 Datasheet
87Kb / 3P
   2.4 GHz 1W MMIC
TC3131 TRANSCOM-TC3131 Datasheet
103Kb / 4P
   2.4 GHz 1W MMIC
TC3339 TRANSCOM-TC3339 Datasheet
257Kb / 4P
   2.9 - 3.7 GHz 1W MMIC
TC3139 TRANSCOM-TC3139 Datasheet
191Kb / 4P
   2.3 - 2.5 GHz 1W MMIC
TC3331 TRANSCOM-TC3331 Datasheet
167Kb / 3P
   3.3 - 3.7 GHz 1W MMIC
logo
List of Unclassifed Man...
TC3339 ETC1-TC3339 Datasheet
255Kb / 4P
   2.9 - 3.7 GHz 1W MMIC
logo
Transcom, Inc.
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
   13.75 - 14.5 GHz 1W MMIC
TC1953P TRANSCOM-TC1953P Datasheet
177Kb / 3P
   13.75 - 14.75 GHz 1W MMIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com