Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61S6432-5PQI Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC61S6432-5PQI
Description  64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61S6432-5PQI Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC61S6432-5PQI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61S6432-5PQI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61S6432-5PQI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61S6432-5PQI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61S6432-5PQI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61S6432-5PQI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61S6432-5PQI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61S6432-5PQI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61S6432-5PQI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
IC61S6432
4
Integrated Circuit Solution Inc.
SSR016-0A
09/13/2001
PIN CONFIGURATION
100-Pin LQFP and PQFP (Top View)
NC
DQ16
DQ15
VCCQ
GNDQ
DQ14
DQ13
DQ12
DQ11
GNDQ
VCCQ
DQ10
DQ9
GND
NC
VCC
ZZ
DQ8
DQ7
VCCQ
GNDQ
DQ6
DQ5
DQ4
DQ3
GNDQ
VCCQ
DQ2
DQ1
NC
NC
DQ17
DQ18
VCCQ
GNDQ
DQ19
DQ20
DQ21
DQ22
GNDQ
VCCQ
DQ23
DQ24
VCCQ
VCC
NC
GND
DQ25
DQ26
VCCQ
GNDQ
DQ27
DQ28
DQ29
DQ30
GNDQ
VCCQ
DQ31
DQ32
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PIN DESCRIPTIONS
A0-A15
Address Inputs
CLK
Clock
ADSP
Processor Address Status
ADSC
Controller Address Status
ADV
Burst Address Advance
BW1-BW4
Synchronous Byte Write Enable
BWE
Byte Write Enable
GW
Global Write Enable
CE1, CE2, CE3
Synchronous Chip Enable
OE
Output Enable
DQ1-DQ32
Data Input/Output
ZZ
Sleep Mode
MODE
Burst Sequence Mode
VCC
+3.3V Power Supply
GND
Ground
VCCQ
Isolated Output Buffer Supply: +3.3V
GNDQ
Isolated Output Buffer Ground
NC
No Connect


Similar Part No. - IC61S6432-5PQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S25632D ICSI-IC61S25632D Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133B ICSI-IC61S25632D-133B Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133TQ ICSI-IC61S25632D-133TQ Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133TQI ICSI-IC61S25632D-133TQI Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-166B ICSI-IC61S25632D-166B Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
More results

Similar Description - IC61S6432-5PQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
119Kb / 20P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com