Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUH51 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUH51
Description  POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUH51 Datasheet(HTML) 2 Page - ON Semiconductor

  BUH51 Datasheet HTML 1Page - ON Semiconductor BUH51 Datasheet HTML 2Page - ON Semiconductor BUH51 Datasheet HTML 3Page - ON Semiconductor BUH51 Datasheet HTML 4Page - ON Semiconductor BUH51 Datasheet HTML 5Page - ON Semiconductor BUH51 Datasheet HTML 6Page - ON Semiconductor BUH51 Datasheet HTML 7Page - ON Semiconductor BUH51 Datasheet HTML 8Page - ON Semiconductor BUH51 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BUH51
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage
(IC = 100 mA, L = 25 mH)
VCEO(sus)
500
550
Vdc
Collector–Base Breakdown Voltage
(ICBO = 1 mA)
VCBO
800
950
Vdc
Emitter–Base Breakdown Voltage
(IEBO = 1 mA)
VEBO
10
12.5
Vdc
Collector Cutoff Current
(VCE = Rated VCEO, IB = 0)
ICEO
100
µAdc
Collector Cutoff Current
(VCE = Rated VCES, VEB = 0)
@ TC = 25°C
@ TC = 125°C
ICES
100
1000
µAdc
Collector Base Current
(VCB = Rated VCBO, VEB = 0)
@ TC = 25°C
@ TC = 125°C
ICBO
100
1000
µAdc
Emitter–Cutoff Current
(VEB = 9 Vdc, IC = 0)
IEBO
100
µAdc
ON CHARACTERISTICS
Base–Emitter Saturation Voltage
(IC = 1 Adc, IB = 0.2 Adc)
@ TC = 25°C
@ TC = 125°C
VBE(sat)
0.92
0.8
1.1
Vdc
Collector–Emitter Saturation Voltage
(IC = 1 Adc, IB = 0.2 Adc)
@ TC = 25°C
@ TC = 125°C
VCE(sat)
0.3
0.32
0.5
0.6
Vdc
DC Current Gain (IC = 1 Adc, VCE = 1 Vdc)
@ TC = 25°C
@ TC = 125°C
hFE
8
6
10
8
DC Current Gain (IC = 2 Adc, VCE = 5 Vdc)
@ TC = 25°C
@ TC = 125°C
5
4
7.5
6.2
DC Current Gain (IC = 0.8 Adc, VCE = 5 Vdc)
@ TC = 25°C
@ TC = 125°C
10
8
14
13
DC Current Gain (IC = 10 mAdc, VCE = 5 Vdc)
@ TC = 25°C
@ TC = 125°C
14
18
20
25
DYNAMIC SATURATION VOLTAGE
Dynamic Saturation
Voltage:
Determined 3
µs after
rising IB1 reaches
90% of final IB1
IC = 1 Adc, IB1 = 0.2 Adc
VCC = 300 V
@ TC = 25°C
VCE(dsat)
1.7
V
Dynamic Saturation
Voltage:
Determined 3
µs after
rising IB1 reaches
90% of final IB1
IC = 1 Adc, IB1 = 0.2 Adc
VCC = 300 V
@ TC = 125°C
6
V
Determined 3
µs after
rising IB1 reaches
90% of final IB1
IC = 2 Adc, IB1 = 0.4 Adc
VCC = 300 V
@ TC = 25°C
5.1
V
B1 reaches
90% of final IB1
IC = 2 Adc, IB1 = 0.4 Adc
VCC = 300 V
@ TC = 125°C
15
V
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth
(IC = 1 Adc, VCE = 10 Vdc, f = 1 MHz)
fT
23
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1 MHz)
Cob
34
100
pF
Input Capacitance
(VEB = 8 Vdc, f = 1 MHz)
Cib
200
500
pF


Similar Part No. - BUH51

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUH51 MOTOROLA-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
logo
STMicroelectronics
BUH513 STMICROELECTRONICS-BUH513 Datasheet
100Kb / 7P
   HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
June 1996
BUH515 STMICROELECTRONICS-BUH515 Datasheet
85Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Savantic, Inc.
BUH515 SAVANTIC-BUH515 Datasheet
147Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUH515 ISC-BUH515 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BUH51

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUH51 MOTOROLA-BUH51 Datasheet
387Kb / 10P
   POWER TRANSISTOR 3 AMPERES 800 VOLTS 50 WATTS
BUH50 MOTOROLA-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
logo
ON Semiconductor
BUH50 ONSEMI-BUH50 Datasheet
478Kb / 10P
   POWER TRANSISTOR 4 AMPERES 800 VOLTS 50 WATTS
MJD18002D2 ONSEMI-MJD18002D2 Datasheet
129Kb / 11P
   POWER TRANSISTOR 2 AMPERES 1000 VOLTS, 50 WATTS Bipolar NPN Transistor
January, 2006 ??Rev. 2
logo
Motorola, Inc
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
   2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
MJE18002 MOTOROLA-MJE18002 Datasheet
254Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 1000 VOLTS 25 and 50 WATTS
MJ16018 MOTOROLA-MJ16018 Datasheet
366Kb / 8P
   POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
   POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
logo
ON Semiconductor
BUL44D2 ONSEMI-BUL44D2 Datasheet
504Kb / 12P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
1995
logo
Motorola, Inc
BUL44D2 MOTOROLA-BUL44D2 Datasheet
504Kb / 12P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com