Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61S6432-7TQI Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC61S6432-7TQI
Description  64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61S6432-7TQI Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC61S6432-7TQI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61S6432-7TQI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61S6432-7TQI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61S6432-7TQI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61S6432-7TQI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61S6432-7TQI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61S6432-7TQI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC61S6432-7TQI Datasheet HTML 10Page - Integrated Circuit Solution Inc IC61S6432-7TQI Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IC61S6432
Integrated Circuit Solution Inc.
7
SSR016-0A
09/13/2001
POWER SUPPLY CHARACTERISTICS (Operating Range)
-200(1)
-166
-133
-117
Symbol
Parameter
TestConditions
Min. Max.
Min. Max.
Min. Max.
Min. Max. Unit
ICC
ACOperating
DeviceSelected,
Com.
400
215
205
195
mA
SupplyCurrent
All Inputs = VIL or VIH
Ind.
205
OE = VIH, Cycle Time
tKCmin.
ISB
StandbyCurrent
DeviceDeselected,
Com.
100
70
60
50
mA
VCC=Max.,
Ind.
60
CLKCycleTime
tKCmin.
IZZ
Power-Down
ZZ=VCCQ,CLKRunning
Com.
5
5
5
5
mA
ModeCurrent
AllInputs
GND+0.2V
Ind.
10
or
VCC – 0.2V
Note:
1. ADVANCE INFORMATION ONLY.
DC ELECTRICAL CHARACTERISTICS(1,2) (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = –5.0 mA
2.4
V
VOL
Output LOW Voltage
IOL = 5.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCCQ + 0.3
V
VIL
Input LOW Voltage
–0.3
0.8
V
ILI
Input Leakage Current
GND
≤ VIN ≤ VCCQ(2)
Com.
–5
5
µA
Ind.
–10
10
ILO
Output Leakage Current
GND
≤ VOUT ≤ VCCQ, OE = VIH
Com.
–5
5
µA
Ind.
–10
10
Notes:
1. MODE pin have an internal pull-up. ZZ pin has an internal pull-down. These pins may be a No Connect,
tied to GND,or tied to VCCQ.
2. MODE pin should be tied to Vcc or GND. They exhibit
±30 µA maximum leakage current when tied
to
≤ GND + 0.2V or ≥ Vcc – 0.2V.
-5
-6
-7
-8
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max. Unit
ICC
ACOperating
DeviceSelected,
Com.
175
165
150
140
mA
SupplyCurrent
All Inputs = VIL or VIH
Ind.
185
175
160
150
OE = VIH, Cycle Time
tKC min.
ISB
StandbyCurrent
DeviceDeselected,
Com.
25
25
25
25
mA
VCC=Max.,
Ind.
35
35
35
35
CLKCycleTime
tKCmin.
IZZ
Power-Down
ZZ=VCCQ,CLKRunning
Com.
5
5
5
5
mA
ModeCurrent
AllInputs
GND+0.2V
Ind.
10
10
10
10
or
VCC – 0.2V


Similar Part No. - IC61S6432-7TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S25632D ICSI-IC61S25632D Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133B ICSI-IC61S25632D-133B Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133TQ ICSI-IC61S25632D-133TQ Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133TQI ICSI-IC61S25632D-133TQI Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-166B ICSI-IC61S25632D-166B Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
More results

Similar Description - IC61S6432-7TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
119Kb / 20P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com