Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61S6432-8PQI Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IC61S6432-8PQI
Description  64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61S6432-8PQI Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

Back Button IC61S6432-8PQI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61S6432-8PQI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61S6432-8PQI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61S6432-8PQI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61S6432-8PQI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC61S6432-8PQI Datasheet HTML 10Page - Integrated Circuit Solution Inc IC61S6432-8PQI Datasheet HTML 11Page - Integrated Circuit Solution Inc IC61S6432-8PQI Datasheet HTML 12Page - Integrated Circuit Solution Inc IC61S6432-8PQI Datasheet HTML 13Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
IC61S6432
Integrated Circuit Solution Inc.
9
SSR016-0A
09/13/2001
READ CYCLE SWITCHING CHARACTERISTICS (Over Operating Range)
-200(1)
-166
-133
-117
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max. Min.
Max
Unit
tKC
Cycle Time
5
6
7.5
8.5
ns
tKH
Clock High Time
1.6
2.4
2.8
3
ns
tKL
Clock Low Time
1.6
2.4
2.8
3
ns
tKQ
Clock Access Time
4
5
5
5
ns
tKQX(2)
Clock High to Output Invalid
1
1.5
1.5
1.5
ns
tKQLZ(2,3)
Clock High to Output Low-Z
0
0
0
0
ns
tKQHZ(2,3)
Clock High to Output High-Z
1
3.5
1.5
5
1.5
5
1.5
6
ns
tOEQ
Output Enable to Output Valid
3.5
5
5
5
ns
tOEQX(2)
Output Disable to Output Invalid
0
0
0
0
ns
tOELZ(2,3)
Output Enable to Output Low-Z
0
0
0
0
ns
tOEHZ(2,3)
Output Disable to Output High-Z
3
3
3
4
ns
tAS
Address Setup Time
2
2.5
2.5
2.5
ns
tSS
Address Status Setup Time
2
2.5
2.5
2.5
ns
tWS
Write Setup Time
2
2.5
2.5
2.5
ns
tCES
Chip Enable Setup Time
2
2.5
2.5
2.5
ns
tAVS
Address Advance Setup Time
2
2.5
2.5
2.5
ns
tAH
Address Hold Time
0.5
0.5
0.5
0.5
ns
tSH
Address Status Hold Time
0.5
0.5
0.5
0.5
ns
tWH
Write Hold Time
0.5
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold Time
0.5
0.5
0.5
0.5
ns
tAVH
Address Advance Hold Time
0.5
0.5
0.5
0.5
ns
tCFG(4)
Configuration Setup
25
25
30
35
ns
Notes:
1.
ADVANCE INFORMATION ONLY.
2. Guaranteed but not 100% tested. This parameter is periodically sampled.
3. Tested with load in Figure 2.
4. Configuration signal MODE is static and must not change during normal operation.


Similar Part No. - IC61S6432-8PQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S25632D ICSI-IC61S25632D Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133B ICSI-IC61S25632D-133B Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133TQ ICSI-IC61S25632D-133TQ Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133TQI ICSI-IC61S25632D-133TQI Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-166B ICSI-IC61S25632D-166B Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
More results

Similar Description - IC61S6432-8PQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
119Kb / 20P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com