Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL146 Datasheet(PDF) 5 Page - ON Semiconductor

Part # BUL146
Description  POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL146 Datasheet(HTML) 5 Page - ON Semiconductor

  BUL146 Datasheet HTML 1Page - ON Semiconductor BUL146 Datasheet HTML 2Page - ON Semiconductor BUL146 Datasheet HTML 3Page - ON Semiconductor BUL146 Datasheet HTML 4Page - ON Semiconductor BUL146 Datasheet HTML 5Page - ON Semiconductor BUL146 Datasheet HTML 6Page - ON Semiconductor BUL146 Datasheet HTML 7Page - ON Semiconductor BUL146 Datasheet HTML 8Page - ON Semiconductor BUL146 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BUL146 BUL146F
5
Motorola Bipolar Power Transistor Device Data
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
hFE, FORCED GAIN
3
130
hFE, FORCED GAIN
Figure 13. Inductive Fall Time
Figure 14. Inductive Cross–Over Time
Figure 15. Forward Bias Safe Operating Area
Figure 16. Reverse Bias Switching Safe Operating Area
Figure 17. Forward Bias Power Derating
110
60
5
15
250
150
50
100
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
7
6
0
0
200
1,0
0,8
0,2
0,0
20
TC, CASE TEMPERATURE (°C)
80
140
160
1
0.01
3
600
800
4
100
1000
DC (BUL146)
5 ms
VBE(off)
TC ≤ 125°C
IC/IB ≥ 4
LC = 500 µH
0,6
0,4
6
7
8
9
10
11
12
13
14
70
80
90
100
120
IC = 3 A
IC = 1.3 A
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 25°C
TJ = 125°C
3
5
15
4
6
7
8
9
10
11
12
13
14
200
100
IC = 3 A
IC = 1.3 A
IB(off) = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 25°C
TJ = 125°C
10
0.1
1 ms
10
µs
1
µs
400
2
1
4
5
0 V
–1, 5 V
– 5 V
40
60
100
120
SECOND BREAKDOWN
DERATING
THERMAL DERATING
DC (BUL146F)
GUARANTEED SAFE OPERATING AREA INFORMATION
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate. The data of Figure 15 is based
on TC = 25°C; TJ(pk) is variable depending on power level.
Second breakdown pulse limits are valid for duty cycles to
10% but must be derated when TC > 25°C. Second break-
down limitations do not derate the same as thermal limita-
tions. Allowable current at the voltages shown in Figure 15
may be found at any case temperature by using the appropri-
ate curve on Figure 17. TJ(pk) may be calculated from the
data in Figure 20 and 21. At any case temperatures, thermal
limitations will reduce the power that can be handled to val-
ues less than the limitations imposed by second breakdown.
For inductive loads, high voltage and current must be sus-
tained simultaneously during turn–off with the base–to–emit-
ter junction reverse–biased. The safe level is specified as a
reverse–biased safe operating area (Figure 16). This rating
is verified under clamped conditions so that the device is
never subjected to an avalanche mode.
TYPICAL SWITCHING CHARACTERISTICS
(IB2 = IC/2 for all switching)
EXTENDED
SOA


Similar Part No. - BUL146

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUL146 MOTOROLA-BUL146 Datasheet
389Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUL146FG ONSEMI-BUL146FG Datasheet
229Kb / 11P
   SWITCHMODE NPN Bipolar Power Transistor
April, 2010 ??Rev. 9
BUL146G ONSEMI-BUL146G Datasheet
229Kb / 11P
   SWITCHMODE NPN Bipolar Power Transistor
April, 2010 ??Rev. 9
More results

Similar Description - BUL146

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUL146 MOTOROLA-BUL146 Datasheet
389Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
BUL44 MOTOROLA-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUL44 ONSEMI-BUL44 Datasheet
317Kb / 10P
   POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
logo
Motorola, Inc
MJE18006 MOTOROLA-MJE18006 Datasheet
415Kb / 10P
   POWER TRANSISTOR 6.0 AMPERES 1000 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
logo
Motorola, Inc
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUL43B MOTOROLA-BUL43B Datasheet
98Kb / 4P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 40 WATTS
logo
ON Semiconductor
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
logo
Motorola, Inc
BUL147 MOTOROLA-BUL147 Datasheet
376Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
BUL45 MOTOROLA-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com