Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN17831A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AN17831A
Description  Silicon Monolithic Biopolar IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AN17831A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  AN17831A Datasheet HTML 1Page - List of Unclassifed Manufacturers AN17831A Datasheet HTML 2Page - List of Unclassifed Manufacturers AN17831A Datasheet HTML 3Page - List of Unclassifed Manufacturers AN17831A Datasheet HTML 4Page - List of Unclassifed Manufacturers AN17831A Datasheet HTML 5Page - List of Unclassifed Manufacturers AN17831A Datasheet HTML 6Page - List of Unclassifed Manufacturers AN17831A Datasheet HTML 7Page - List of Unclassifed Manufacturers AN17831A Datasheet HTML 8Page - List of Unclassifed Manufacturers AN17831A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PD - Ta Curves
(1) Tc = Ta, 62.5W (
θj-c = 2 °C/W )
(2) 20.83W (
θf = 4.0 °C/W )
With a 100cm X 3mmAl heat sink (black colour coated)
or a 200cm X 2mmAl heat sink (not lacquered)
2
2
(3) 15.63W (
θf = 6.0 °C/W )
With a 100cm X 2mmAl heat sink (not lacquered)
(4) 3.0W at Ta = 25°C (
θj-a = 42°C/W )
Without heat sink
2
Ambient Temperature Ta (
°C )
80
70
60
10
0
50
40
30
20
0
25
50
75
100
125
150
20.8W
15.6W
3.0W
(1)
(3)
62.5W
(4)
(2)
Product Specifications
Semiconductor Company, Matsushita Electric Industrial Co., Ltd.
FMSC-PSDA-002-01 Rev. 1
Prepared
Checked
Approved
Eff. Date
Eff. Date
Eff. Date
Eff. Date
AN17831A
Ref No.
Total Page
Page No.
G-2
9
8
18-FEB-2002


Similar Part No. - AN17831A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN17830A PANASONIC-AN17830A Datasheet
310Kb / 2P
   AN17830A
More results

Similar Description - AN17831A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DS10P TOSHIBA-TA78DS10P Datasheet
170Kb / 3P
   BIOPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA7504P TOSHIBA-TA7504P Datasheet
440Kb / 7P
   BIOPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
logo
Rohm
BD82000FVJ ROHM-BD82000FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BD82065FVJ ROHM-BD82065FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BU21023GUL ROHM-BU21023GUL Datasheet
717Kb / 8P
   Silicon monolithic IC
BD19914MUV ROHM-BD19914MUV Datasheet
145Kb / 5P
   Silicon monolithic IC
BU21018MWV ROHM-BU21018MWV Datasheet
163Kb / 5P
   Silicon Monolithic IC
BD82001FVJ ROHM-BD82001FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BD82061FVJ ROHM-BD82061FVJ Datasheet
181Kb / 5P
   Silicon Monolithic IC
BD6171KV ROHM-BD6171KV Datasheet
1Mb / 31P
   Silicon Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com