Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1002-1-ACZL-TR Datasheet(PDF) 3 Page - SMSC Corporation

Part # EMC1002-1-ACZL-TR
Description  1C Dual SmBus Sensor with Resistance Error Correction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1002-1-ACZL-TR Datasheet(HTML) 3 Page - SMSC Corporation

  EMC1002-1-ACZL-TR Datasheet HTML 1Page - SMSC Corporation EMC1002-1-ACZL-TR Datasheet HTML 2Page - SMSC Corporation EMC1002-1-ACZL-TR Datasheet HTML 3Page - SMSC Corporation EMC1002-1-ACZL-TR Datasheet HTML 4Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1°C Dual SMBus Sensor with Resistance Error Correction
SMSC EMC1002
3
Revision 1.2 (04-15-05)
PRODUCT PREVIEW
Package Outlines
Figure 1 8-Pin MSOP and 8-Pin MSOP (Lead-Free) Package Outline - 3x3mm Body 0.65mm Pitch
Notes:
1. Controlling Unit: millimeters.
2. Tolerance on the true position of the leads is ± 0.065 mm maximum.
3. Package body dimensions D and E1 do not include mold protrusion or flash. Dimensions D and
E1 to be determined at datum plane H. Maximum mold protrusion or flash is 0.15mm (0.006 inches)
per end, and 0.15mm (0.006 inches) per side.
4. Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane.
5. Details of pin 1 identifier are optional but must be located within the zone indicated.
Table 1 8-Pin MSOP and 8-Pin MSOP (Lead-Free) Package Parameters
MIN
NOMINAL
MAX
REMARKS
A
0.80
~
1.10
Overall Package Height
A1
0.05
~
0.15
Standoff
A2
0.75
0.85
0.95
Body Thickness
D
2.80
3.00
3.20
X Body Size
E
4.65
4.90
5.15
Y Span
E1
2.80
~
3.20
Y body Size
H
0.08
~
0.23
Lead Foot Thickness
L
0.40
~
0.80
Lead Foot Length
L1
0.95 REF
Lead Length
e
0.65 BSC
Lead Pitch
θ
0o
~8o
Lead Foot Angle
W
0.22
~
0.38
Lead Width
ccc
~
~
0.10
Coplanarity


Similar Part No. - EMC1002-1-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1002-1-ACZL-TR SMSC-EMC1002-1-ACZL-TR Datasheet
792Kb / 22P
   1째C Dual SMBus Sensor with Resistance Error Correction
EMC1002-1-ACZL-TR SMSC-EMC1002-1-ACZL-TR Datasheet
347Kb / 21P
   1째C Dual SMBus Sensor
More results

Similar Description - EMC1002-1-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1002 SMSC-EMC1002_06 Datasheet
792Kb / 22P
   1째C Dual SMBus Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033_07 Datasheet
824Kb / 25P
   1째C Triple SMBus Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033 Datasheet
514Kb / 4P
   1 C Triple SMBus Sensor with Resistance Error Correction
EMC1053 SMSC-EMC1053_07 Datasheet
574Kb / 26P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1023 SMSC-EMC1023_07 Datasheet
431Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMC1023 SMSC-EMC1023 Datasheet
436Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMCT03 SMSC-EMCT03 Datasheet
201Kb / 3P
   1C TRIPLE SMBUS TEMPERATURE SENSOR
EMC1182 SMSC-EMC1182 Datasheet
565Kb / 48P
   Dual Channel 1C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com