Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402F104XXX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 0402F104XXX
Description  Multilayer Ceramic Chip Capacitors Products NPO, X7R, Y5V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

0402F104XXX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  0402F104XXX Datasheet HTML 1Page - List of Unclassifed Manufacturers 0402F104XXX Datasheet HTML 2Page - List of Unclassifed Manufacturers 0402F104XXX Datasheet HTML 3Page - List of Unclassifed Manufacturers 0402F104XXX Datasheet HTML 4Page - List of Unclassifed Manufacturers 0402F104XXX Datasheet HTML 5Page - List of Unclassifed Manufacturers 0402F104XXX Datasheet HTML 6Page - List of Unclassifed Manufacturers 0402F104XXX Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
570 West Lambert Road, Suite M, Brea, CA 92821
TEL: 714-255-9186
FAX: 714-255-9291
American Accurate Components, Inc.
1
Multilayer Ceramic Chip Capacitors Products – NPO, X7R, Y5V
HOW TO ORDER
0603
N
101
J
500
N
T
Packaging Code
T = 7” reel/paper tape
B = Bulk
Termination
N = Ag/Ni/SnPb
B = Cu/Ni/SnPb
L = Ag/Ni/Sn
C = Cu/Ni/Sn
Voltage (VDCW)
100 = 10V
160 = 16V
250 = 25V
500 = 50V
101 = 100V
201 = 200V
251 = 250V
501 = 500V
102 = 1000V
Capacitance Tolerance (EIA Code)
B =
±0.1pF
C =
±0.25pF
D =
±0.50pF
F =
±1%
G =
±2%
J =
±5%
K =
±10%
M =
±20%
Z = -20+80%
Capacitance
Two significant digits followed by # of zeros
(e.g. 101 = 100pF, 102 = 1000pF, 103 = 10nF)
Dielectric
N = COG (NPO)
B = X7R
F = Y5V
Size Code
0402
0603
0805
1206
1210
1804
1812
APPLICATIONS
∗ LC and RC tuned circuit
∗ Filtering, Timing, & Blocking
∗ Coupling & Bypassing
∗ Frequency discriminating
∗ Decoupling
SCHEMATIC
NPO
X7R
Y5V
∗ Ultra-stable
∗ Low dissipation factor
∗ Tight tolerance available
∗ Good frequency performance
∗ No aging of capacitance
∗ Semi-stable High K
∗ High volumetric efficiency
∗ Highly reliable in high temp. applications
∗ High insulation resistance
∗ High volumetric efficiency
∗ Non-polar construction
∗ General purpose, High K
DIMENSIONS
Size
0402
0603
0805
1206
1210
1808
1812
.040
±0.0002
0.063
±0.004
0.080
±0.006
0.125
±0.006
0.125
±0.012
0.180
±0.015
0.180
±0.015
Length (L)
1.00
±0.05
1.60
±0.10
2.00
±0.15
3.20
±0.15
3.20
±0.30
4.50
±0.40
4.50
±0.40
0.020
±0.002
0.03
±0.004
0.050
±0.006
0.063
±0.006
0.100
±0.008
0.081
±0.010
0.125
±0.012
Width (W)
0.50
±0.05
0.80
±0.07
1.25
±0.15
1.60
±0.15
2.50
±0.20
2.03
±0.25
3.20
±0.30
.010+.002/-.004
0.015
±0.006
0.020
±0.008
0.025
±0.008
0.030
±0.010
0.030
±0.010
0.030
±0.010
Termination (E)
0.25+0.05/-0.10
0.40
±0.15
0.50
±0.20
0.60
±0.20
0.75
±0.25
0.75
±0.25
0.75
±0.25
ELECTRICAL RATING
Dielectric
NPO (COG)
X7R (BME)
Y5V
Capacitance Range
0.5pF ~ 10nF
100pF ~ 1
µF
10nF ~ 10
µF
Capacitance Tolerance
±0.1pF, ±0.25pF, ±0.50pF
±1%, ±2%, ±5%, ±10%
±5%, ±10%, ±20%
±20%, -20+80%
Dissipation Factor
>30pF, 0.1% Max
6.3V:
10V & 16V:
25V & 50V:
5.0%
3.5%
2.5%
6.3V:
10V & 16V:
25V & 50V:
5.0%
3.5%
2.5%
T.C.C.
0
±30ppm/°C
0
±15ppm/°C
+30%/-80%ppm/
°C
Test Parameters (@25
°C)
≤100pF
>1000pF
1.0
±0.2Vrms, 1MHz±10%
1.0
±0.2Vrms, 1KHz±10%
1.0
±0.2Vrms, 1KHz±10%
1.0
±0.2Vrms, 1KHz±10%
Operating Temperature
-55 ~ +125
°C @ 25°C
-55 ~ +125
°C @ 25°C
-25 ~ +85
°C @ 20°C
Insulation Resistance
+25
°C, 10GΩ min or 500Ω-F min,
whichever is less
+25
°C, 10GΩ min or 500Ω-F min,
whichever is less
+25
°C, 10GΩ min or 500Ω-F min,
whichever is less
L
W
T
E
E


Similar Part No. - 0402F104XXX

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
0402F104A100CT WALSIN-0402F104A100CT Datasheet
5Mb / 22P
   High capacitance in given case size
0402F104A101CT WALSIN-0402F104A101CT Datasheet
5Mb / 22P
   High capacitance in given case size
0402F104A160CT WALSIN-0402F104A160CT Datasheet
5Mb / 22P
   High capacitance in given case size
0402F104A250CT WALSIN-0402F104A250CT Datasheet
5Mb / 22P
   High capacitance in given case size
0402F104A4R0CG WALSIN-0402F104A4R0CG Datasheet
5Mb / 22P
   High capacitance in given case size
More results

Similar Description - 0402F104XXX

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15G109D2-F CDE-M15G109D2-F Datasheet
298Kb / 5P
   Multilayer Ceramic Capacitors COG (NPO). X7R & Z5U Capacitors
logo
RFE international
AD10XR104K500A RFE-AD10XR104K500A Datasheet
621Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
RD25ZU104M251BXXXX RFE-RD25ZU104M251BXXXX Datasheet
809Kb / 5P
   Multilayer Ceramic Capacitor RD Series (COG/X7R/X5R/Y5V/Z5U)Radial Leaded
25-01-2023
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com