Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210X104XXX Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 1210X104XXX
Description  CERAMIC MULTILAYER CAPACITORS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1210X104XXX Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 1210X104XXX Datasheet HTML 5Page - List of Unclassifed Manufacturers 1210X104XXX Datasheet HTML 6Page - List of Unclassifed Manufacturers 1210X104XXX Datasheet HTML 7Page - List of Unclassifed Manufacturers 1210X104XXX Datasheet HTML 8Page - List of Unclassifed Manufacturers 1210X104XXX Datasheet HTML 9Page - List of Unclassifed Manufacturers 1210X104XXX Datasheet HTML 10Page - List of Unclassifed Manufacturers 1210X104XXX Datasheet HTML 11Page - List of Unclassifed Manufacturers 1210X104XXX Datasheet HTML 12Page - List of Unclassifed Manufacturers 1210X104XXX Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
BOARD DESIGN CONSIDERATIONS
The amount of solder applied to the chip capacitor will influence the reliability of the
device. Excessive solder can create thermal and tensile stresses on the component
which could lead to fracturing of the chip or the solder joint itself. Insufficient or
uneven solder application can result in weak bonds, rotation of the device off line or lift-
ing of one terminal off the pad (tombstoning).
The volume of solder is process and board pad size dependent. WAVE SOLDERING exposes the
devices to a large solder volume, hence the pad size area must be restricted to accept an amount of solder which is not detrimental to
the chip size utilized. Typically the pad width is 66% of the component width, and the length is .030” (.760 mm) longer than the termi-
nation band on the chip. An 0805 chip which is .050” wide and has a .020” termination band therefore requires a pad .033” wide by
.050” in length. Opposing pads should be identical in size to preclude uneven solder fillets and mismatched surface tension forces which
can misalign the device. It is preferred that the pad layout results in alignment of the long axis of the chips at right angles to the solder
wave, to promote even wetting of all terminals. Orientation of components in line with the board travel direction may require dual
waves with solder turbulence to preclude cold solder joints on the trailing terminals of the devices, as these are blocked from full expo-
sure to the solder by the body of the capacitor.
Restrictions in chip alignment do not apply to SOLDER REFLOW or VAPOR PHASE processes, where the solder volume is con-
trolled by the solder paste deposition on the circuit pads. Pads are designed to match or slightly exceed the width of the capac-
itor, with length .030” (.760 mm) greater than the chip terminal band width, to provide a wetting area for a full solder fillet.
7
RECOMMENDATIONS
Preheat/Cooling rates not to exceed 120°C/minute.
DT spikes to max temperature not to exceed 100°C
250
225
200
175
150
125
100
75
50
20
40
60
80
100
120 140
160
180
200
SECONDS
SOLDER ATTACHMENT RECOMMENDED PROFILES
SOLDER WAVE
VAPOR PHASE
SOLDER REFLOW
NOVACAP
publishes
a
Technical Brochure which pro-
vides detailed information on the
properties
of
ceramic
chip
capacitors, dielectric behavior,
product classifications, test and
quality standards, and other
information relevant to their
use. The NOVACAP Technical
Brochure is available upon
request. For quick reference
see the Brochure on the
NOVACAP Website at
www.novacap.com.


Similar Part No. - 1210X104XXX

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1210XXX AVX-1210XXX Datasheet
111Kb / 3P
   High Voltage MLC Chip
More results

Similar Description - 1210X104XXX

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com