Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1535A Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1535A
Description  Highly Integrated Level 2 SMBus Battery Charger
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1535A Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1535A Datasheet HTML 5Page - Maxim Integrated Products MAX1535A Datasheet HTML 6Page - Maxim Integrated Products MAX1535A Datasheet HTML 7Page - Maxim Integrated Products MAX1535A Datasheet HTML 8Page - Maxim Integrated Products MAX1535A Datasheet HTML 9Page - Maxim Integrated Products MAX1535A Datasheet HTML 10Page - Maxim Integrated Products MAX1535A Datasheet HTML 11Page - Maxim Integrated Products MAX1535A Datasheet HTML 12Page - Maxim Integrated Products MAX1535A Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Highly Integrated Level 2 SMBus
Battery Charger
_______________________________________________________________________________________
9
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SMBus TIMING SPECIFICATIONS (VDD = 2.7V TO 5.5V)
SMBus Frequency
10
100
kHz
SMBus Free Time
4.7
µs
Start Condition Setup Time from
SCL
4.7
µs
Start Condition Hold Time from
SCL
4
µs
Stop Condition Setup Time from
SCL
4
µs
SDA Hold Time from SCL
300
ns
SDA Setup Time from SCL
250
ns
SCL Low Timeout
(Note 1)
25
35
ms
SCL Low Period
4.7
µs
SCL High Period
4
µs
Maximum Charging Period
Without a ChargeVoltage() or
ChargeCurrent() Command
130
220
s
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1. VDCIN = VCSSP = VCSSN = 18V, VBATT = VCSIP = VCSIN = 12V, VDD = 3.3V, ACIN = PGND = GND, LDO = DLOV,
VMAX = IMAX = REF, CLDO = 1µF, CDHIV = 0.1µF, CREF = 1µF, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
Note 1: Devices participating in a transfer time out when any clock low exceeds the 25ms minimum timeout period. Devices that
have detected a timeout condition must reset the communication no later than the 35ms maximum timeout period. Both a
master and a slave must adhere to the maximum value specified as it incorporates the cumulative stretch limit for both a
master (10ms) and a slave (25ms).
Note 2: Specifications to -40°C are guaranteed by design, not production tested.


Similar Part No. - MAX1535A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1535B MAXIM-MAX1535B Datasheet
401Kb / 14P
   MAX1535B Evaluation Kit/MAX1535B Evaluation System
Rev 0; 11/04
MAX1535BEVKIT MAXIM-MAX1535BEVKIT Datasheet
401Kb / 14P
   MAX1535B Evaluation Kit/MAX1535B Evaluation System
Rev 0; 11/04
MAX1535BEVSYS MAXIM-MAX1535BEVSYS Datasheet
401Kb / 14P
   MAX1535B Evaluation Kit/MAX1535B Evaluation System
Rev 0; 11/04
More results

Similar Description - MAX1535A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
   SMBus Level 2 Battery Charger
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
   SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Intersil Corporation
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
   SMBus Level 2 Battery Charger
ISL88733 RENESAS-ISL88733 Datasheet
194Kb / 2P
   SMBus Level 2 Battery Charger
ISL88731 RENESAS-ISL88731 Datasheet
1Mb / 22P
   SMBus Level 2 Battery Charger
ISL88731C RENESAS-ISL88731C Datasheet
1Mb / 26P
   SMBus Level 2 Battery Charger
logo
Intersil Corporation
ISL88731 INTERSIL-ISL88731 Datasheet
462Kb / 22P
   SMBus Level 2 Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com