Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS383CPE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PS383CPE
Description  Precision, 17V Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS383CPE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PS383CPE Datasheet HTML 1Page - Pericom Semiconductor Corporation PS383CPE Datasheet HTML 2Page - Pericom Semiconductor Corporation PS383CPE Datasheet HTML 3Page - Pericom Semiconductor Corporation PS383CPE Datasheet HTML 4Page - Pericom Semiconductor Corporation PS383CPE Datasheet HTML 5Page - Pericom Semiconductor Corporation PS383CPE Datasheet HTML 6Page - Pericom Semiconductor Corporation PS383CPE Datasheet HTML 7Page - Pericom Semiconductor Corporation PS383CPE Datasheet HTML 8Page - Pericom Semiconductor Corporation PS383CPE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
8
PS8186A
07/15/98
PS381/PS383/PS385
Precision, 17V Analog Switches
Test Circuits/Timing Diagrams
Figure 2. Switching Time
Figure 3. Break-Before-Make Interval (PS383 only)
Figure 4. Charge Injection


Similar Part No. - PS383CPE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PS3870J4330DSERQ1 TI1-PS3870J4330DSERQ1 Datasheet
592Kb / 26P
[Old version datasheet]   TPS3870-Q1 Overvoltage Reset IC With Time Delay and Manual Reset
PS38A950122DSKRQ1 TI-PS38A950122DSKRQ1 Datasheet
2Mb / 34P
[Old version datasheet]   TPS38x-Q1 (65 V & 2uA) Wide VIN Dual Channel Voltage Detector
PS38A950122DSKRQ1 TI-PS38A950122DSKRQ1 Datasheet
3Mb / 43P
[Old version datasheet]   TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
SEPTEMBER 2021
More results

Similar Description - PS383CPE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS4051 PERICOM-PS4051 Datasheet
372Kb / 9P
   17V CMOS Analog Multiplexers/Switches
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
PS396 PERICOM-PS396 Datasheet
229Kb / 10P
   Precision, 16-Channel 17V Analog Multiplexer
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
logo
Analog Microelectronics
AS3336G AME-AS3336G Datasheet
423Kb / 25P
   Precision Multiple Analog Switches
logo
Vishay Siliconix
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
Pericom Semiconductor C...
PS398 PERICOM-PS398 Datasheet
207Kb / 11P
   Precision 8-Ch, Diff. 4-Ch, 17V Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com