Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B10011S Datasheet(PDF) 7 Page - ATMEL Corporation

Part # B10011S
Description  CAN TRANSCEIVER IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

B10011S Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button B10011S Datasheet HTML 3Page - ATMEL Corporation B10011S Datasheet HTML 4Page - ATMEL Corporation B10011S Datasheet HTML 5Page - ATMEL Corporation B10011S Datasheet HTML 6Page - ATMEL Corporation B10011S Datasheet HTML 7Page - ATMEL Corporation B10011S Datasheet HTML 8Page - ATMEL Corporation B10011S Datasheet HTML 9Page - ATMEL Corporation B10011S Datasheet HTML 10Page - ATMEL Corporation B10011S Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
B10011S
4749B–AUTO–09/04
The implementation of a power filter and overvoltage clamp as follows is highly
recommended:
Figure 6. Implementation of a Power Filter and Over Clamps
Application Hints
As an interface between CAN controllers and a two-wire data bus system for serial data
interchange, this device is adapted to a special high-level, low-speed transmission sys-
tem, which is useful in harsh environments. High immunity against ground offset and
interference voltages on the bus have been the design goals for this device, rather than
low power consumption or a minimum of external components. An error detection
scheme is implemented in the receiver part to give quick information to the controller in
case of faults occurring on the bus. Thus, the controller is able to start a search cycle in
order to look for the possibility of single-wire operation or to disable the station from the
bus.
An automatic error-signal end is not feasible because parts of the system are disabled
during single-wire operation. Therefore, the controller has to carry out short tests by
switching to the two-wire state and checking, whether the error signal is still present or
not. Errors due to dirty contacts, shorts between high and low line, or interruptions may
not be recognized at all, because this device does not contain a complete fault
computer.
Two control inputs A
sel and Bsel enable four operation modes (see Table “Operating
Modes” on page 3’). Depending on the nature of the error, the error signal ER is inter-
nally generated partly in the recessive or partly in the dominant transmission state. In
order to avoid watching the error bits bitwise, an open-collector output driver (with a
1-kW series resistor) discharges a storage capacitor, which is charged by a time con-
stant, long enough to hold the 0 state for, e.g., 200 µs, thus, giving the controller enough
time to recognize this status during idle times. Only the charging resistor may be
changed and not the 2.2-nF capacitor. In order to perform a faster error-end test, the
charging resistor may be shorted by an NPN emitter follower or by a tristate output high
for approximately 1 to 2 µs.
The pinout of the device shows a controller side (pins 1 to 8) and a bus side (pins 9 to
16). The application circuit utilizes an input filter section which is necessary for every
station and a bias section which is needed in two master stations only. Additional slave
stations only contain the driving resistors at pins 11 and 12 (270
Ω and 220 Ω), the
choke coil, and capacitor between pins 13 and 10.
A power filter and overvoltage clamp is highly recommended in order to avoid transmis-
sion errors due to spikes on the 24-V battery voltage.
The input filter is designed as an 2-RC filter for 125 kbit/s and may be changed to
250 kbit/s. Its good pulse response and good suppression of high frequencies should
not be weakened by omitting one of the capacitors.
From battery
(cl. 15)
Ground
10
33 V
To V
CC (pin 13)
To pin 10
+
22 µF


Similar Part No. - B10011S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
B10011S ATMEL-B10011S Datasheet
258Kb / 12P
   Can Transceiver IC
B10011S-MFPG1Y ATMEL-B10011S-MFPG1Y Datasheet
208Kb / 12P
   Can Transceiver IC
B10011S-MFPG1Y ATMEL-B10011S-MFPG1Y Datasheet
258Kb / 12P
   Can Transceiver IC
B10011S-MFPG3Y ATMEL-B10011S-MFPG3Y Datasheet
208Kb / 12P
   Can Transceiver IC
B10011S-MFPG3Y ATMEL-B10011S-MFPG3Y Datasheet
258Kb / 12P
   Can Transceiver IC
More results

Similar Description - B10011S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
B10011S ATMEL-B10011S_07 Datasheet
258Kb / 12P
   Can Transceiver IC
B10011S ATMEL-B10011S_05 Datasheet
208Kb / 12P
   Can Transceiver IC
logo
Sanyo Semicon Device
LA2360M SANYO-LA2360M Datasheet
67Kb / 5P
   Monolithic Linear IC CAN Transceiver
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
   CAN Transceiver
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
[Old version datasheet]   CAN Transceiver
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com