Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMM372F3280CS1 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KMM372F3280CS1
Description  32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372F3280CS1 Datasheet(HTML) 3 Page - Samsung semiconductor

  KMM372F3280CS1 Datasheet HTML 1Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 2Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 3Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 4Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 5Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 6Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 7Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 8Page - Samsung semiconductor KMM372F3280CS1 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DRAM MODULE
KMM372F320(8)0CS1
ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1 and ICC3, address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one EDO mode cycle time,
tHPC.
* NOTE :
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
ICC1*
ICC2
ICC3*
ICC4*
ICC5
ICC6*
I(IL)
I(OL)
VOH
VOL
Symbol
Speed
KMM372F3200CS1
KMM372F3280CS1
Unit
Min
Max
Min
Max
ICC1
-5
-6
-
-
1998
1818
-
-
1458
1278
mA
mA
ICC2
Don
′t care
-
100
-
100
mA
ICC3
-5
-6
-
-
1998
1818
-
-
1458
1278
mA
mA
ICC4
-5
-6
-
-
1638
1458
-
-
1638
1458
mA
mA
ICC5
Don
′t care
-
30
-
30
mA
ICC6
-5
-6
-
-
1998
1818
-
-
1998
1818
mA
mA
II(L)
IO(L)
Don
′t care
-10
-10
10
10
-10
-10
10
10
uA
uA
VOH
VOL
Don
′t care
2.4
-
-
0.4
2.4
-
-
0.4
V
V
: Operating Current * (RAS, CAS, Address cycling @
tRC=min)
: Standby Current (RAS=CAS=W=VIH)
: RAS Only Refresh Current * (CAS=VIH, RAS cycling @
tRC=min)
: Extended Data Out Mode Current * (RAS=VIL, CAS cycling :
tHPC=min)
: Standby Current (RAS=CAS=W=Vcc-0.2V)
: CAS-Before-RAS Refresh Current * (RAS and CAS cycling @
tRC=min)
: Input Leakage Current (Any input 0
≤VIN≤Vcc+0.3V, all other pins not under test=0 V)
: Output Leakage Current(Data Out is disabled, 0V
≤VOUT≤Vcc)
: Output High Voltage Level (IOH = -2mA)
: Output Low Voltage Level (IOL = 2mA)
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to VSS, TA = 0 to 70
°C)
*1 : VCC+1.3V at pulse width
≤15ns, which is measured at VCC.
*2 : -1.3V at pulse width
≤15ns, which is measured at VSS.
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
Ground
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
3.0
0
2.0
-0.3*2
3.3
0
-
-
3.6
0
VCC+0.3
*1
0.8
V
V
V
V
ABSOLUTE MAXIMUM RATINGS *
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to
the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for intended
periods may affect device reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative VSS
Voltage on VCC supply relative to VSS
Storage Temperature
Power Dissipation
Short Circuit Output Current
VIN, VOUT
VCC
Tstg
PD
IOS
-0.5 to +4.6
-0.5 to +4.6
-55 to +125
36
50
V
V
°C
W
mA


Similar Part No. - KMM372F3280CS1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM372F3280BS1 SAMSUNG-KMM372F3280BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results

Similar Description - KMM372F3280CS1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM372V3200CK4 SAMSUNG-KMM372V3200CK4 Datasheet
458Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3280BS1 SAMSUNG-KMM372F3280BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M374F3200DJ1-C SAMSUNG-M374F3200DJ1-C Datasheet
510Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372V3200BS1 SAMSUNG-KMM372V3200BS1 Datasheet
439Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M372F3200DJ3-C SAMSUNG-M372F3200DJ3-C Datasheet
508Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372V1680BK SAMSUNG-KMM372V1680BK Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372C1680BS SAMSUNG-KMM372C1680BS Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372V883BK SAMSUNG-KMM372V883BK Datasheet
420Kb / 18P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 3.3V
KMM372F883BS SAMSUNG-KMM372F883BS Datasheet
469Kb / 20P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com