Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS385ESE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PS385ESE
Description  Precision, 17V Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS385ESE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PS385ESE Datasheet HTML 1Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 2Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 3Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 4Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 5Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 6Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 7Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 8Page - Pericom Semiconductor Corporation PS385ESE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
4
PS8186A
07/15/98
PS381/PS383/PS385
Precision, 17V Analog Switches
Electrical Specifications - Single +5V Supply
(V+ = +5V ±10%, V- = 0V, GND = 0V, VINH = 2.4V, VINL = 0.8V)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
CC
°
p
m
e
T.
n
i
M
)
2
(
.
p
y
T
)
2
(
.
x
a
M
)
2
(
s
ti
n
U
h
c
ti
w
S
g
o
l
a
n
A
e
g
n
a
R
h
c
ti
w
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
ll
u
F0
+
V
V
e
c
n
a
t
si
s
e
R
-
n
OR N
O
V
0
=
-
V
,
V
0
.
5
=
+
V
I M
O
C
,
A
m
0
1
-
=
V O
N
V
r
o
C
N
V
5
.
3
=
5
25
25
4
ll
u
F0
6
h
c
t
a
M
e
c
n
a
t
si
s
e
R
-
n
O
sl
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
∆R N
O
V
,
V
5
=
+
V
M
O
C
,
A
m
0
1
-
=
V O
N
V
r
o
C
N
V
3
=
5
25
.
02
ll
u
F4
e
c
n
a
t
si
s
e
R
-
n
O
s
s
e
n
t
al
F
)
5
(
I
,
V
0
=
-
V
,
V
5
=
+
V
M
O
C
,
A
m
0
1
-
=
V O
N
V
r
o
C
N
V
4
,
V
1
=
5
21
4
ll
u
F6
e
g
a
k
a
e
L
ff
O
C
N
r
o
O
N
t
n
e
rr
u
C
)
9
(
I
)
F
F
O
(
O
N
r
o
I
)
F
F
O
(
C
N
V
,
V
5
.
5
=
+
V
M
O
C
,
V
0
=
V O
N
V
r
o
C
N
V
5
.
4
=
5
21
.
0
-1
0
0
.
01
.
0
ll
u
F5
.
2
-5
.
2
e
g
a
k
a
e
L
ff
O
M
O
C
t
n
e
rr
u
C
)
9
(
I
)
F
F
O
(
M
O
C
V
,
V
5
.
5
=
+
V
M
O
C
,
V
5
.
4
=
V O
N
V
r
o
C
N
V
0
=
5
21
0
-1
0
0
.
01
.
0
ll
u
F5
.
2
-5
.
2
e
g
a
k
a
e
L
n
O
M
O
C
t
n
e
rr
u
C
)
9
(
I
)
N
O
(
M
O
C
V M
O
C
V
,
V
5
.
4
=
O
N
V
r
o
C
N
,
V
5
.
4
=
V
5
.
5
=
+
V
5
22
.
0
-2
0
0
.
0
-2
.
0
ll
u
F5
-5
c
i
m
a
n
y
D
e
m
i
T
-
n
O
-
n
r
u
T
)
3
(
t N
O
V M
O
C
,
V
3
=
2
e
r
u
g
i
F
5
23
60
7
1
s
n
ll
u
F0
4
2
e
m
i
T
-f
f
O
-
n
r
u
T
)
3
(
t )F
F
O
(
5
24
30
5
ll
u
F0
0
1
e
m
i
T
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
B
y
al
e
D
)
3
(
tD
y
l
n
o
3
8
3
S
P5
20
10
2
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
V
,
F
n
1
=
N
E
G
,
V
0
=
R N
E
G
0
=
,
4
e
r
u
g
i
F
5
20
5
C
p
y
l
p
p
u
S
t
n
e
rr
u
C
y
l
p
p
u
S
e
v
it
i
s
o
P+
I
V
,f
f
o
r
o
n
o
sl
e
n
n
a
h
c
ll
A
N
I
r
o
V
0
=
V
0
=
-
V
,
V
6
.
3
=
+
V
,
+
V
ll
u
F
1
-1
µA
t
n
e
rr
u
C
y
l
p
p
u
S
e
v
it
a
g
e
N-I1
-1


Similar Part No. - PS385ESE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PS3870J4330DSERQ1 TI1-PS3870J4330DSERQ1 Datasheet
592Kb / 26P
[Old version datasheet]   TPS3870-Q1 Overvoltage Reset IC With Time Delay and Manual Reset
PS38A950122DSKRQ1 TI-PS38A950122DSKRQ1 Datasheet
2Mb / 34P
[Old version datasheet]   TPS38x-Q1 (65 V & 2uA) Wide VIN Dual Channel Voltage Detector
PS38A950122DSKRQ1 TI-PS38A950122DSKRQ1 Datasheet
3Mb / 43P
[Old version datasheet]   TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
SEPTEMBER 2021
More results

Similar Description - PS385ESE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS4051 PERICOM-PS4051 Datasheet
372Kb / 9P
   17V CMOS Analog Multiplexers/Switches
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
PS396 PERICOM-PS396 Datasheet
229Kb / 10P
   Precision, 16-Channel 17V Analog Multiplexer
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
logo
Analog Microelectronics
AS3336G AME-AS3336G Datasheet
423Kb / 25P
   Precision Multiple Analog Switches
logo
Vishay Siliconix
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
Pericom Semiconductor C...
PS398 PERICOM-PS398 Datasheet
207Kb / 11P
   Precision 8-Ch, Diff. 4-Ch, 17V Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com