Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTCSPU877A Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDTCSPU877A
Description  1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCSPU877A Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDTCSPU877A Datasheet HTML 2Page - Integrated Device Technology IDTCSPU877A Datasheet HTML 3Page - Integrated Device Technology IDTCSPU877A Datasheet HTML 4Page - Integrated Device Technology IDTCSPU877A Datasheet HTML 5Page - Integrated Device Technology IDTCSPU877A Datasheet HTML 6Page - Integrated Device Technology IDTCSPU877A Datasheet HTML 7Page - Integrated Device Technology IDTCSPU877A Datasheet HTML 8Page - Integrated Device Technology IDTCSPU877A Datasheet HTML 9Page - Integrated Device Technology IDTCSPU877A Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
COMMERCIALTEMPERATURERANGE
IDTCSPU877A
1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
TIMING REQUIREMENTS
Symbol
Parameter
Min.
Max.
Unit
fCLK
Operating Clock Frequency(1,2)
125
270
MHz
Application Clock Frequency(1,3)
160
270
MHz
tDC
Input Clock Duty Cycle
40
60
%
tL
StabilizationTime(4)
15
µs
NOTES:
1. The PLL will track a spread spectrum clock input.
2. Operating clock frequency is the range over which the PLL will lock, but may not meet all timing specifications. To be used only for low speed system debug.
3. Application clock frequency is the range over which timing specifications apply.
4. Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal after power up. During normal operation, the
stabilization time is also the time required for the PLL circuit to obtain phase lock of its feedback signal to its reference signal when CLK and CLK go to a logic LOW state, enters
the power-down mode, and later return to active operation. CLK and CLK may be left floating after they have been driven LOW for one complete clock cycle.
AC ELECTRICAL CHARACTERISTICS(1)
Symbol
Description
Test Conditions
Min.
Typ.(2)
Max.
Unit
tPLH(2)
LOW to HIGH Level Propagation Delay Time
AVDD = GND, OE = H, OS = L,
TBD
ns
CLK to any output
tPHL(2)
HIGH to LOW Level Propagation Delay Time
AVDD = GND, OE = H, OS = L,
TBD
ns
CLK to any output
tJIT(CC+)
Jitter(cycle-to-cycle)
166/200/266MHz
0
40
ps
tJIT(CC-)
0
-40
tJIT(PER)(3)
Jitter(period)
166/200/266MHz
-40
40
ps
tJIT(HPER)(3)
Half-PeriodJitter
166/200/266MHz
-60
60
ps
tSLR(O)(1,4)
OutputClockSlewRate(single-ended)
166/200/266MHz (20% to 80%)
1.5
2.5
3
V/ns
tSLR(I)(1,4)
OutputEnable(OE)
0.5

V/ns
Input Clock Slew Rate
1
2.5
4
t(∅)(5)
StaticPhaseOffset
166/200/266MHz
-50
50
ps
t(∅)DYN
DynamicPhaseOffset
166/200/266MHz
-50
50
ps
tSK(O)
Output Skew
40
ps
tEN
Output Enable to any Y or Y
8ns
tDIS
Output Disable to any Y or Y
8ns
VOX(6)
ACDifferentialOutputCrosspointVoltage
Differentialoutputsterminatedwith120
(VDDQ/2)-0.1
(VDDQ/2)+0.1
V
VID(AC)
ACDifferentialInputVoltage
0.6
VDDQ+0.4
V
VIX
ACDifferentialInputCrosspointVoltage
(VDDQ/2)-0.15
(VDDQ/2)+0.15
V
The PLL on the CSPU877A will meet all the above test parameters while supporting SSC synthesizers with the following parameters:
SSC
ModulationFrequency
30
33
KHz
SSC
ClockInputFrequencyDeviation
0
-0.5
%
f3dB
PLLLoopBandwidth
2
MHz
NOTES:
1. There are two different terminations that are used with the above AC tests. The output load shown in figure 1 is used to measure the input and output differential pair cross-voltage
only. The output load shown in figure 2 is used to measure all other tests, including input and output slew rates. For consistency, use 50
Ω equal length cables with SMA connectors
on the test board.
2. Refers to transition of non-inverting output.
3. Period jitter and half-period jitter specifications are seperate specifications that must be met independently of each other.
4. To eliminate the impact of input slew rates on static phase offset, the input slew rates of reference clock input (CLK, CLK) and feedback clock input (FBIN, FBIN) are recommended
to be nearly equal. The 2.5V/ns slew rates are shown as a recommended target. Compliance with these nominal values is not mandatory if it can be adequately demonstrated
that alternative characteristics meet the requirements of the registered DDR2 DIMM application.
5. Static phase offset does not include jitter.
6. VOX is specified at the DDR DRAM clock input or test load.


Similar Part No. - IDTCSPU877A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPU877ABV IDT-IDTCSPU877ABV Datasheet
121Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877ABVG IDT-IDTCSPU877ABVG Datasheet
121Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877ANL IDT-IDTCSPU877ANL Datasheet
121Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results

Similar Description - IDTCSPU877A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPU877 RENESAS-CSPU877 Datasheet
306Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPUA877A IDT-IDTCSPUA877A Datasheet
116Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPU877A RENESAS-CSPU877A Datasheet
298Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPUA877 RENESAS-CSPUA877 Datasheet
292Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
CSPUA877A RENESAS-CSPUA877A Datasheet
318Kb / 15P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
CSPU877D RENESAS-CSPU877D Datasheet
292Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
AUGUST 2004
logo
Integrated Device Techn...
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857C IDT-IDTCSPT857C Datasheet
143Kb / 15P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com