Electronic Components Datasheet Search |
|
MAX4596DCKRE4 Datasheet(PDF) 1 Page - Texas Instruments |
|
MAX4596DCKRE4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 13 page MAX4596 SINGLECHANNEL 10 W SPST ANALOG SWITCH SLLS641 – JANUARY 2005 Description The MAX4596 is a single-pole single-throw (SPST) analog switch that is designed to operate from 2 V to 5 V. This device can handle both digital and analog signals, and signals up to V+ (peak) can be transmitted in either direction. Applications D Sample-and-Hold Circuits D Battery-Powered Equipment D Audio and Video Signal Routing D Communication Circuits SOT-23 OR SC-70 PACKAGE (TOP VIEW) 1 2 3 5 4 IN COM GND NO V+ FUNCTION TABLE IN NO TO COM, COM TO NO L OFF H ON Features D Low ON-State Resistance (10 W) D ON-State Resistance Flatness (1.5 W) D Control Inputs Are 5.5-V Tolerant D Low Charge Injection (5 pC Max) D 300-MHz −3-dB Bandwidth at 255C D Low Total Harmonic Distortion (THD) (0.05%) D 2-V to 5.5-V Single-Supply Operation D Specified at 5-V and 3.3-V Nodes D −83-dB OFF Isolation at 1 MHz D Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II D 0.5-nA Max OFF Leakage D ESD Performance Tested Per JESD 22 − 2000-V Human-Body Model (A114-B, Class II) − 1000-V Charged-Device Model (C101) D TTL/CMOS-Logic Compatible Summary of Characteristics V+ = 5 V, TA = 25°C Configuration Single Pole Single Throw (SPST) Number of channels 1 ON-state resistance (ron) 10 Ω ON-state resistance flatness (ron(flat)) 1.5 Ω Turn-on/turn-off time (tON/tOFF) 35 ns/40 ns Charge injection (QC) 5 pC Bandwidth (BW) 300 MHz OFF isolation (OISO) −83 dB at 1 MHz Total harmonic distortion (THD) 0.05% Leakagecurrent(ICOM(OFF)/INO(OFF)) ±0.05 nA Power-supply current (I+) 1 µA Package option 5-pin SOT-23 or SC-70 ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING(2) −40 °C to 85°C SOT (SOT-23) − DBV Tape and reel MAX4596DBVR 6SB_ −40 °C to 85°C SOT (SC−70) − DCK Tape and reel MAX4596DCKR SB_ (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. (2) DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. www.ti.com Copyright 2005, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - MAX4596DCKRE4 |
|
Similar Description - MAX4596DCKRE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |