Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU26108FR1 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU26108FR1
Description  SRS CSII 5.1 AND TruSurround XT Decoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26108FR1 Datasheet(HTML) 2 Page - New Japan Radio

  NJU26108FR1 Datasheet HTML 1Page - New Japan Radio NJU26108FR1 Datasheet HTML 2Page - New Japan Radio NJU26108FR1 Datasheet HTML 3Page - New Japan Radio NJU26108FR1 Datasheet HTML 4Page - New Japan Radio NJU26108FR1 Datasheet HTML 5Page - New Japan Radio NJU26108FR1 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NJU26108
- 2 -
Ver.2004-08-26
Function Block Diagram
TIMING
GENERATOR
PROGRAM
CONTROL
ALU
24-BIT x 24-BIT
MULTIPLIER
ADDRESS GENERATION UNIT
FIRMWARE
ROM
DELAY
RAM
DATA
RAM
SERIAL
HOST
INTERFACE
GPIO AND
CONFIGURATION
INTERFACE
SDO0
SDO1
SDO2
SEL1
SCL/SCK
SDA/SDOUT
AD1/SDIN
AD2/SSb
XI
XO
DSP ARITHMETIC UNIT
SDI0
LRI
BCKI
MCK
BCKO
LRO
L/R
C/LFE
SL/SR
SERIAL AUDIO
INTERFACE
NJU26108
SDI1
RESETb
Fig. 1 NJU26108 Block Diagram
DSP Block Diagram
Fig. 2 NJU26108 Function Diagram
Mono
To
Stereo
Circle Surround
II
Decoder
TruBass
Lt
Rt
SW
L
R
NJU26108 Block Diagram
Sw
R
L
Rs
Ls
C
C
Rs
Ls
R
L
C
R
L
Focus
S
80Hz
LPF
+
Rs
Ls
R
L
R
L
L
R
SL
SR
SW
Stereo Input Mode
Mono Input Mode
CS decode
mode
TruSurround/
Through mode
Select L/R/L+R
Dialog Clarity
+
+
Phanton Center


Similar Part No. - NJU26108FR1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26108 NJRC-NJU26108 Datasheet
270Kb / 17P
   NJU26100 Series Hardware Specification
More results

Similar Description - NJU26108FR1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26040-09D NJRC-NJU26040-09D Datasheet
257Kb / 13P
   SRS TruSurround HD/HD4 Decoder
NJU26040-09A NJRC-NJU26040-09A Datasheet
192Kb / 10P
   SRS TruSurround HD/HD4 Decoder
logo
Analog Devices
SSM2005 AD-SSM2005 Datasheet
126Kb / 15P
   Decoder 5.1-Channel Soundfield Generator
REV. 0
logo
STMicroelectronics
STA014 STMICROELECTRONICS-STA014 Datasheet
466Kb / 45P
   MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
logo
Integral Corp.
ILA8137 INTEGRAL-ILA8137 Datasheet
133Kb / 2P
   5.1 V 5.1 V REGULATOR WITH DISABLE AND RESET
logo
New Japan Radio
NJM2180 NJRC-NJM2180 Datasheet
383Kb / 12P
   TruSurround 3D AUDIO PROCESSOR?
logo
Renesas Technology Corp
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
   SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
logo
New Japan Radio
NJW1148 NJRC-NJW1148 Datasheet
422Kb / 29P
   Audio Processor with Sound Enhancement and TruSurround Virtualizer
logo
Mitsubishi Electric Sem...
M62494FP MITSUBISHI-M62494FP Datasheet
90Kb / 7P
   SRS 3D Stereo SRS 3D Mono 1Chip
M62436FP MITSUBISHI-M62436FP Datasheet
136Kb / 10P
   SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com