Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-F213-00000 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HDSP-F213-00000
Description  Black Surface Seven Segment Displays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-F213-00000 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HDSP-F213-00000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-F213-00000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-F213-00000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-F213-00000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-F213-00000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-F213-00000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-F213-00000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-F213-00000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDSP-F213-00000 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
High Performance Green
Device Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
A51X
Luminous Intensity/Segment[1,2]
IV
860
3000
µcd
IF = 10 mA
(Digit Average)
6800
IF = 20 mA
F51X, G51X
1030
3500
IF = 10 mA
H51X, K51X
900
2500
IF = 10 mA
3100
IF = 60 mA Peak:
1/6 Duty Factor
All
Forward Voltage/Segment or DP
VF
2.1
2.5
V
IF = 10 mA
Devices
Peak Wavelength
λ
PEAK
566
nm
Dominant Wavelength[3,5]
λ
d
571
577
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
50
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C
-2
mV/
°C
VF/Segment or DP
A51X
Thermal Resistance LED
R
θ
J-PIN
200
°C/W/
Junction-to-Pin
Seg.
F51X, G51X
320
H51X, G51X
345
Notes:
1. Case temperature of device immediately prior to the intensity measurement is 25
°C.
2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package.
3. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of
the device.
4. Typical specification for reference only. Do not exceed absolute maximum ratings.
5. Green (HDSP-A51X/F51X/G51X/H512X/K51X) series displays are categorized for dominant wavelength. The category is designated by
a number adjacent to the luminous intensity category letter.


Similar Part No. - HDSP-F213-00000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F213 AVAGO-HDSP-F213 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
HDSP-F213 AVAGO-HDSP-F213 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
More results

Similar Description - HDSP-F213-00000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A413 AVAGO-HDSP-A413_10 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com