Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTC28 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PTC28
Description  SQUARE POST HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PTC28 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PTC28 Datasheet HTML 1Page - List of Unclassifed Manufacturers PTC28 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
75
PHONE 760.744.0125
www.SullinsElectronics.com
FAX 760.744.6081
s›’’Œ”™
MODIFICATIONS
(Consult Factory)
Omit for Standard
MOUNTING STYLE
N = No Mounting
R = Retent Lead
(Consult Factory)
TERMINATION TYPE (Opposite Page)
AA, AB, AC, AD, AE, AF, AG, AH
FA, FB, FC, FD, FE,
BA, BB, BC, BD, BE, BF,
GA, GB, GC, GD, ZA, ZC, ZD
READOUT (Opposite Page)
S = Single
D = Dual
P
Z
C
36
D
AA
N
-M#
SERIES
P = .025" [.64 mm] Sq. Post Header
CONTACT FINISH
Head
Tail
Underplate
Z = .000010" Gold
.000100" Tin
.000050" Nickel
X = .000030" Gold
.000100" Tin
.000050" Nickel
G = .000010" Gold
.000005" Gold
.000050" Nickel**
Y = .000030" Gold
.000005" Gold
.000050" Nickel**
T = .000100" Tin
.000100" Tin
.000050" Nickel
CONTACT CENTERS
C = .100" [2.54mm]
NUMBER OF POSITIONS
01 Thru 36
(eg. 32 Dual = 64 Contacts)
NUMBER
OF
OVERALL
PART NUMBER*
CONTACTS
LENGTH
SINGLE/DUAL
A
PZC01 _ _ N
1/2
0.100
[2.54]
PZC02 _ _ N
2/4
0.200
[5.08]
PZC03 _ _ N
3/6
0.300
[7.62]
PZC04 _ _ N
4/8
0.400
[10.16]
PZC05 _ _ N
5/10
0.500
[12.70]
PZC06 _ _ N
6/12
0.600
[15.24]
PZC07 _ _ N
7/14
0.700
[17.78]
PZC08 _ _ N
8/16
0.800
[20.32]
PZC09 _ _ N
9/18
0.900
[22.86]
PZC10 _ _ N
10/20
1.000
[25.40]
PZC11 _ _ N
11/22
1.100
[27.94]
PZC12 _ _ N
12/24
1.200
[30.48]
PZC13 _ _ N
13/26
1.300
[33.02]
PZC14 _ _ N
14/28
1.400
[35.56]
PZC15 _ _ N
15/30
1.500
[38.10]
PZC16 _ _ N
16/32
1.600
[40.64]
PZC17 _ _ N
17/34
1.700
[43.18]
PZC18 _ _ N
18/36
1.800
[45.72]
NUMBER
OF
OVERALL
PART NUMBER*
CONTACTS
LENGTH
SINGLE/DUAL
A
PZC19 _ _ N
19/38
1.900
[48.26]
PZC20 _ _ N
20/40
2.000
[50.80]
PZC21 _ _ N
21/42
2.100
[53.34]
PZC22 _ _ N
22/44
2.200
[55.88]
PZC23 _ _ N
23/46
2.300
[58.42]
PZC24 _ _ N
24/48
2.400
[60.96]
PZC25 _ _ N
25/50
2.500
[63.50]
PZC26 _ _ N
26/52
2.600
[66.04]
PZC27 _ _ N
27/54
2.700
[68.58]
PZC28 _ _ N
28/56
2.800
[71.12]
PZC29 _ _ N
29/58
2.900
[73.66]
PZC30 _ _ N
30/60
3.000
[76.20]
PZC31 _ _ N
31/62
3.100
[78.74]
PZC32 _ _ N
32/64
3.200
[81.28]
PZC33 _ _ N
33/66
3.300
[83.82]
PZC34 _ _ N
34/68
3.400
[86.36]
PZC35 _ _ N
35/70
3.500
[88.90]
PZC36 _ _ N
36/72
3.600
[91.44]
Dimensions in [ ] are in millimeters, all others in inches.
HEAD
TAIL
SINGLE READOUT,
STRAIGHT TAIL SHOWN
DUAL READOUT,
STRAIGHT TAIL SHOWN
[1.27]
.050, 2 PLS.
A
A
[1.27]
.050, 2 PLS.
.025 [.64] SQUARE POST
FITS
.040 MINIMUM
.025 [.64] SQUARE POST
FITS
.040 MINIMUM
[2.54]
.100 TYP.
[2.54]
.100 TYP.
* For complete par t number add readout and termination type from Par t Number Coding (e.g. PZC36DAAN).
** Consult Factory


Similar Part No. - PTC28

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
PTC25 YHDC-PTC25 Datasheet
7Mb / 1P
   PCB toroidal transformer
More results

Similar Description - PTC28

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-644456-3 MACOM-3-644456-3 Datasheet
188Kb / 1P
   MTA-100 HEADER ASSEMBLY, NARROW, 025 SQUARE STRAIGHT POST TIN PLATED
3-644456-4 MACOM-3-644456-4 Datasheet
188Kb / 1P
   MTA-100 HEADER ASSEMBLY,NARROW, 0.25 SQUARE STRAIGHT POST, TIN PLATED
1-643464-1 MACOM-1-643464-1 Datasheet
123Kb / 1P
   MTA - 156 HEADER ASSEMBLY, FRICTION LOCK, STRAIGHT, .045 SQUARE POST, TIN PLATED, 7 POSITION, OMITTED POST
292132-5 MACOM-292132-5 Datasheet
92Kb / 2P
   POST HEADER ASSY
171826-5 MACOM-171826-5 Datasheet
72Kb / 1P
   POST HEADER ASSY
1744194-7 MACOM-1744194-7 Datasheet
138Kb / 1P
   MTA-156 HEADER ASSEMBLY, FRICTION LOCK, STRAIGHT .045 SQUARE POST, TIN PLATED
640445 MACOM-640445 Datasheet
136Kb / 1P
   MTA-156 HEADER ASSEMBLY, FRICTION LOCK, STRALGHT .045 SQUARE POST, TIN PLATED
641119 MACOM-641119 Datasheet
189Kb / 1P
   MTA-156 HEADER ASSEMBLY, FRICTION LOCK, SRAIGHT, .045 SQUARE POST, .000015 GOLD
641122 MACOM-641122 Datasheet
214Kb / 1P
   MTA- 100 HEADER ASSEMBLY, PLAIN, .025 SQUARE STRAIGHT POST .000015 GOLED PLATED
logo
Faraday Technology
AH843 FARADAY-AH843 Datasheet
61Kb / 2P
   FULLY BUFFERED SQUARE PIXEL NTSC POST FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com